Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0548A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0548A
Description  SAW Filter 165.45 MHz F-11
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0548A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0548A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0548A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0548A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0548A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C.OUTLINE DRAWING:
D. MEASUREMENT CIRCUIT:
50 Ohm Test circuit
Product Year Code
Year
2005
2009
2006
2010
2007
2011
2008
2012
Product Code
B
b
B
b
50Ω
HP Network analyzer
50Ω
SAW Filter
L1=13 8nH
IN
OUT
L1=13 8nH
1
4
2,3
#1 : Input
#4 : Output
#2, #3 : Ground
:Year Code
: Date Code
Unit : mm
T
. △548□


Similar Part No. - TB0548A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TB054 MICROCHIP-TB054 Datasheet
181Kb / 10P
   An Introduction to USB Descriptors with a Game Port to USB Game Pad Translator Example
2004
logo
TAI-SAW TECHNOLOGY CO.,...
TB0541A TAI-SAW-TB0541A Datasheet
221Kb / 7P
   IF SAW Filter 140 MHz (SMD 13.3mmX6.5mm)
logo
Golledge Electronics Lt...
TB0541A GOLLEDGE-TB0541A Datasheet
67Kb / 4P
   SAW Filter 228.1MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0547A TAI-SAW-TB0547A Datasheet
284Kb / 4P
   SAW Filter 164.175 MHz F-11
TB0549A TAI-SAW-TB0549A Datasheet
281Kb / 4P
   SAW Filter 169.2 MHz F-11
More results

Similar Description - TB0548A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0550A TAI-SAW-TB0550A Datasheet
285Kb / 4P
   SAW Filter 173.075 MHz F-11
TB0549A TAI-SAW-TB0549A Datasheet
281Kb / 4P
   SAW Filter 169.2 MHz F-11
TB0547A TAI-SAW-TB0547A Datasheet
284Kb / 4P
   SAW Filter 164.175 MHz F-11
TB0483A TAI-SAW-TB0483A Datasheet
250Kb / 7P
   SAW Filter 165.45 MHz SMD 5.0X7.0 mm
TA0826A TAI-SAW-TA0826A Datasheet
270Kb / 4P
   SAW Filter 504MHz F-11
TA0701A TAI-SAW-TA0701A Datasheet
219Kb / 4P
   SAW Filter 414MHz F-11
logo
API Technologies Corp
SF0434BA02507S APITECH-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0434BA02507S SPECTRUM-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
logo
API Technologies Corp
SF0869BA02588S APITECH-SF0869BA02588S Datasheet
169Kb / 3P
   869 MHz SAW Filter 11 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0869BA02588S SPECTRUM-SF0869BA02588S Datasheet
169Kb / 3P
   869 MHz SAW Filter 11 MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com