Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS1S2403SC Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # NCS1S2403SC
Description  Isolated 1W 4:1 Input Single Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCS1S2403SC Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  NCS1S2403SC Datasheet HTML 1Page - Murata Power Solutions Inc. NCS1S2403SC Datasheet HTML 2Page - Murata Power Solutions Inc. NCS1S2403SC Datasheet HTML 3Page - Murata Power Solutions Inc. NCS1S2403SC Datasheet HTML 4Page - Murata Power Solutions Inc. NCS1S2403SC Datasheet HTML 5Page - Murata Power Solutions Inc. NCS1S2403SC Datasheet HTML 6Page - Murata Power Solutions Inc. NCS1S2403SC Datasheet HTML 7Page - Murata Power Solutions Inc. NCS1S2403SC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NCS1 Series
Isolated 1W 4:1 Input Single Output DC/DC Converters
KDC_NCS1.A02 Page 1 of 8
All enquiries: www.murata-ps.com/support
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
 
www.murata-ps.com
SELECTION GUIDE
Order Code
Input
Voltage
Output
Voltage
Output
Current
Efficiency
5V or 24V Input.
Efficiency
12V Input.
Ripple and Noise
MTTF1
Nom.
Min.
Typ.
Min.
Typ.
Typ.
Max.
V
V
mA
%
%
%
%
mVp/p mVp/p
pF
Hrs
NCS1S1203SC
12
3.3
303
73
77
71
75
24
70
24
NCS1S1205SC
12
5
200
76
79
74
77
25
50
30
NCS1S1212SC
12
12
83
75
78
75
79
40
120
35
NCS1S2403SC
24
3.3
303
76
78.5
73
76
35
70
28
NCS1S2405SC
24
5
200
79
82
77
80
27
50
42
NCS1S2412SC
24
12
83
80
83
77
80
28
120
42
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
12V input types
4.5
12
18
V
24V input types
9
24
36
Input current
NCS1S12XX
5V input voltage
0.26
A
12V input voltage
0.1
NCS1S24XX
12V input voltage
0.1
24V input voltage
0.05
Input ripple current
NCS1S12XX
5
30
mA p-p
NCS1S24XX
5
15
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated power
All output types
1
W
Minimal load to meet datasheet specification
10
%
Voltage set point accuracy
All output types
±1
±2
%
Line regulation
Low line to high line
±0.5
%
Load regulation
All output types
0.5
%
Transient response
Peak deviation (12.5-37.5% & 37.5-12.5% swing)
5
%Vout
Settling time
(within 5% Vout Nom.)
2ms
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 minute
1000
VDC
Resistance
Viso = 1kVDC
1
GENERAL CHARACTERISTICS1
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
100
400
kHz
Control pin input
Module on, pin unconnected or open collector floating
Module off
0.8
V
1 Calculated using MIL-HDBK-217 FN2, parts stress method with nominal input voltage at full load.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
UL 60950 recognition pending
4:1 Wide range voltage input
Operating temperature range -40°C to
105°C with derating
1 kVDC Isolation
3.3V, 5V & 12V outputs
No electrolytic capacitors
Continuous short circuit protection
PRODUCT OVERVIEW
The NCS1 series of DC/DC converters offers a
single output voltage from input voltage ranges
of 4.5-18V and 9-36V. The NCS1 is housed in an
industry standard package with a standard pinout.
Applications include telecommunications, battery
powered systems, process control and distributed
power systems.


Similar Part No. - NCS1S2403SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCS1S2403SC MURATA-PS-NCS1S2403SC Datasheet
258Kb / 11P
   Isolated 1W 4:1 Input Single Output DC-DC Converters
2021
More results

Similar Description - NCS1S2403SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MTC1 MURATA-PS-MTC1 Datasheet
471Kb / 11P
   Isolated 1W SM 2:1 Input Single Output DC/DC Converters
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
   Isolated 1W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com