Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0572A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0572A
Description  SAW Filter 185.5MHz SMD 13.3횞6.5mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0572A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0572A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0572A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0572A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0572A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0572A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0572A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0572A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 185.5 MHz
SMD 13.3mmX6.5mm
MODEL NO.: TB0572A
REV. NO. 1
A. MAXIMUM RATING:
1. Operating Temperature: -40
°C to +85°C
2. Storage Temperature: -40
°C to +85°C
3. Maximum Input Power : 10dBm
B. ELECTRICAL CHARACTERISTICS:
1. Ambient Temperature: 25
°
Item
Min.
Typical
Max.
Center frequency
Fc
MHz
-
185.5
-
Insertion loss at Fc
dB
-
9.0
11.0
Bandwidth at –1.0dB
MHz
20.0
22.0
-
Amplitude Ripple (Fc ± 9.5 MHz)
dB
-
0.6
1.0
Group Delay Ripple (Fc ± 9.5 MHz)
nS
-
50
-
Attenuation (Reference level from minimum Insertion loss )
100 MHz ~164.8 MHz
dB
40
51
-
164.8 MHz ~ 170.7 MHz
dB
25
44
-
201.3 MHz ~ 206.8 MHz
dB
25
39
-
206.8 MHz ~ 300 MHz
dB
38
46
-
Temp Coefficient
ppm/°
C
-
-93
-
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TB0572A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0572A GOLLEDGE-TB0572A Datasheet
61Kb / 6P
   SAW Filter 185.5MHz
More results

Similar Description - TB0572A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0592A TAI-SAW-TB0592A Datasheet
203Kb / 8P
   SAW Filter 201MHz SMD 13.3횞6.5mm
logo
Golledge Electronics Lt...
MP03304 GOLLEDGE-MP03304 Datasheet
61Kb / 6P
   SAW Filter 185.5MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB1156A TAI-SAW-TB1156A Datasheet
222Kb / 8P
   IF SAW Filter 240MHz(BW=5MHz) SMD 13.3횞6.5mm
logo
ECS, Inc.
ECS-DSF947.5B-21 ECS-ECS-DSF947.5B-21 Datasheet
135Kb / 1P
   SMD SAW FILTER
ECS-DSF400.0A-51 ECS-ECS-DSF400.0A-51 Datasheet
152Kb / 1P
   SMD SAW FILTER
logo
List of Unclassifed Man...
AFS434S3 ETC-AFS434S3 Datasheet
105Kb / 1P
   SMD 434.0MHz SAW FILTER
logo
Abracon Corporation
AFS1842.5W01-TS4 ABRACON-AFS1842.5W01-TS4 Datasheet
264Kb / 2P
   SMD 1842.5MHz SAW FILTER
AFS881.5W01-TS4 ABRACON-AFS881.5W01-TS4 Datasheet
181Kb / 1P
   SMD 881.5MHz SAW FILTER
AFS2140.0W01-TS4 ABRACON-AFS2140.0W01-TS4 Datasheet
1Mb / 3P
   SMD 1575.42MHz SAW Filter
12.10.09
AFS915.0W03-TS3 ABRACON-AFS915.0W03-TS3 Datasheet
946Kb / 2P
   SMD 915.0MHz SAW FILTER
11.07.11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com