Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0610A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0610A
Description  SAW Filter 350MHz SMD 5.0횞5.0mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0610A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0610A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0610A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0610A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0610A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0610A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0610A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0610A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TB0610A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
D. MEASUREMENT CIRCUIT
1. Single ended input 50 ohm to Single ended Output 50 ohm
:
Note: The matching structure will change according to different test fixture.
E.OUTLINE DRAWING:
Pin A : RF Input
Pin E : RF Output
Pin B,C,D,F,G,H : Ground
Unit: mm
: Week Code (Follow the table
from planner each year)
: Product / Year Code


Similar Part No. - TB0610A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0610A GOLLEDGE-TB0610A Datasheet
125Kb / 7P
   SAW Filter 350MHz
More results

Similar Description - TB0610A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0418A TAI-SAW-TA0418A Datasheet
421Kb / 5P
   SAW Filter 424MHz SMD 5.0횞5.0mm
TA0411A TAI-SAW-TA0411A Datasheet
418Kb / 5P
   SAW Filter 440MHz SMD 5.0횞5.0mm
TA0417A TAI-SAW-TA0417A Datasheet
422Kb / 5P
   SAW Filter 408.5MHz SMD 5.0횞5.0mm
TA0311A TAI-SAW-TA0311A Datasheet
418Kb / 5P
   SAW Filter 420MHz SMD 5.0횞5.0mm
TA0419A TAI-SAW-TA0419A Datasheet
422Kb / 5P
   SAW Filter 441MHz SMD 5.0횞5.0mm
TA0313A TAI-SAW-TA0313A Datasheet
426Kb / 5P
   SAW Filter 465MHz SMD 5.0횞5.0mm
TA0568A TAI-SAW-TA0568A Datasheet
439Kb / 6P
   SAW Filter 475MHz SMD 5.0횞5.0mm
TA0510A TAI-SAW-TA0510A Datasheet
204Kb / 5P
   SAW Filter 280MHz SMD 5.0횞5.0mm
TA0420A TAI-SAW-TA0420A Datasheet
424Kb / 5P
   SAW Filter 460MHz SMD 5.0횞5.0mm
TA0731A TAI-SAW-TA0731A Datasheet
464Kb / 5P
   SAW Filter 460MHz SMD 5.0횞5.0mm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com