Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC1202E Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SRC1202E
Description  Switching application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SRC1202E Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SRC1202E Datasheet HTML 1Page - KODENSHI_AUK CORP. SRC1202E Datasheet HTML 2Page - KODENSHI_AUK CORP. SRC1202E Datasheet HTML 3Page - KODENSHI_AUK CORP. SRC1202E Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-R5E003-000
1
SRC1202E
NPN Silicon Transistor
PIN Connection
Descriptions
• Switching application
• Interface circuit and driver circuit application
Features
• With built-in bias resistors
• Simplify circuit design
• Reduce a quantity of parts and
manufacturing process
• High packing density
Ordering Information
Type NO.
Marking
Package Code
SRC1202E
R2 □
SOT-523
Device Code ② Year&Week Code
Absolute Maximum Ratings
(Ta=25
°C)
Characteristic
Symbol
Rating
Unit
Output voltage
VO
50
V
Input voltage
VI
30,-10
V
Output current
IO
100
mA
Power dissipation
PD
150
mW
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55 ~ 150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Output cut-off current
IO(OFF)
VO=50V, VI=0
-
-
500
nA
DC current gain
GI
VO=5V, IO=10mA
50
80
-
-
Output voltage
VO(ON)
IO=10mA, II=0.5mA
-
0.1
0.3
V
Input voltage (ON)
VI(ON)
VO=0.2V, IO=5mA
-
1.8
2.4
V
Input voltage (OFF)
VI(OFF)
VO=5V, IO=0.1mA
1.0
1.2
-
V
Transition frequency
fT*
VO=10V, IO=5mA, f=1MHz
-
200
-
MHz
Input current
II
VI=5Vm, IO=0
-
-
0.88
mA
Input resistor (Input to base)
R1
-
7
10
13
Input resistor (Base to common)
R2
-
7
10
13
* : Characteristic of transistor only
R1
R2
IN
COMMON
OUT
R1
R2
10K
Ω
10K
Ω
IN
COMMON
OUT


Similar Part No. - SRC1202E

ManufacturerPart #DatasheetDescription
logo
AUK corp
SRC1202E AUK-SRC1202E Datasheet
52Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
SRC1202E KODENSHI-SRC1202E Datasheet
233Kb / 4P
   NPN Silicon Transistor
logo
AUK corp
SRC1202EF AUK-SRC1202EF Datasheet
64Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
SRC1202EF KODENSHI-SRC1202EF Datasheet
257Kb / 4P
   NPN Silicon Transistor
SRC1202EF KODENSHI-SRC1202EF Datasheet
257Kb / 4P
   Switching application
More results

Similar Description - SRC1202E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3012R FAIRCHILD-FJX3012R Datasheet
32Kb / 3P
   Switching Application
FJX4001R FAIRCHILD-FJX4001R Datasheet
42Kb / 4P
   Switching Application
FJX4002R FAIRCHILD-FJX4002R Datasheet
42Kb / 4P
   Switching Application
FJX4007R FAIRCHILD-FJX4007R Datasheet
43Kb / 4P
   Switching Application
FJX4009R FAIRCHILD-FJX4009R Datasheet
39Kb / 4P
   Switching Application
FJX4012R FAIRCHILD-FJX4012R Datasheet
32Kb / 3P
   Switching Application
FJX4013R FAIRCHILD-FJX4013R Datasheet
33Kb / 3P
   Switching Application
KSR1003 FAIRCHILD-KSR1003 Datasheet
37Kb / 4P
   Switching Application
KSR1103 FAIRCHILD-KSR1103 Datasheet
56Kb / 4P
   Switching Application
KSR2009 FAIRCHILD-KSR2009 Datasheet
32Kb / 4P
   Switching Application
KSR2205 FAIRCHILD-KSR2205 Datasheet
37Kb / 4P
   Switching Application
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com