Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1512 Datasheet(PDF) 2 Page - LDT Co., Ltd

Part # LD1512
Description  12 Channel Output LED Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1512 Datasheet(HTML) 2 Page - LDT Co., Ltd

  LD1512 Datasheet HTML 1Page - LDT Co., Ltd LD1512 Datasheet HTML 2Page - LDT Co., Ltd LD1512 Datasheet HTML 3Page - LDT Co., Ltd LD1512 Datasheet HTML 4Page - LDT Co., Ltd LD1512 Datasheet HTML 5Page - LDT Co., Ltd LD1512 Datasheet HTML 6Page - LDT Co., Ltd LD1512 Datasheet HTML 7Page - LDT Co., Ltd LD1512 Datasheet HTML 8Page - LDT Co., Ltd LD1512 Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Ver0.7
2
LD1512
12 Channel Output LED Driver with 8/12/16 bit PWM Controller
The LD1512 is specifically designed for LED lighting or display applications. The 12-channel constant output
current is controlled by 3 external resistors (IOUT = 5mA to 60mA). The device consists of 16 x 12 bit shift
register, latches, built-in OSC, 12 constant current drivers and 8/12/16 bit PWM controller.
The main applications are decorative LED lighting, indoor/outdoor LED video or message display systems.
FEATURES
12 constant output channels
• 8/12/16bit grayscale PWM control
Output current : set-up at 5mA to 60mA
with three external resistors
• Maximum sinking output voltage : 40V
• CMOS compatible input
• Package : SOP28, SSOP28, 28QFN
• Maximum serial input frequency : 20MHz
• Built in internal RC oscillator : 10MHz
DESCRIPTION
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DGND
CLKI
B_REX
G_REX
R_REX
BOUT1
GOUT1
ROUT1
BOUT2
GOUT2
ROUT2
CH2
DI
OSC
VCC
CLKO
MOD2
MOD1
VDD_R
ROUT4
GOUT4
BOUT4
ROUT3
GOUT3
BOUT3
CH1
DO
AGND
R_REX
BOUT1
GOUT1
ROUT1
BOUT2
GOUT2
ROUT2
VDD_R
ROUT4
GOUT4
BOUT4
ROUT3
GOUT3
BOUT3
8
9
10
11
12
13
14
28
27
26
25
24
23
22


Similar Part No. - LD1512

ManufacturerPart #DatasheetDescription
logo
LDT Co., Ltd
LD1510 LDT-LD1510 Datasheet
389Kb / 25P
   3Channel Output LED Driver with 12 bit PWM Controller
LD1510SP LDT-LD1510SP Datasheet
389Kb / 25P
   3Channel Output LED Driver with 12 bit PWM Controller
LD1510SS LDT-LD1510SS Datasheet
389Kb / 25P
   3Channel Output LED Driver with 12 bit PWM Controller
More results

Similar Description - LD1512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5930 TI-TLC5930 Datasheet
779Kb / 39P
[Old version datasheet]   12-CHANNEL LED DRIVER
TLC5930PWPR TI1-TLC5930PWPR Datasheet
804Kb / 40P
[Old version datasheet]   12-CHANNEL LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
FM6120 FUMAN-FM6120 Datasheet
704Kb / 14P
   12-channel dual-buffer constant current output LED driver chip
logo
LDT Co., Ltd
LD1071 LDT-LD1071 Datasheet
554Kb / 36P
   16 Channel Output LED Driver
LD1048 LDT-LD1048 Datasheet
200Kb / 27P
   48 Channel Output LED DRIVER
logo
Linear Dimensions Semic...
LND8925 LINEAR_DIMENSIONS-LND8925 Datasheet
118Kb / 1P
   60 V Led Driver, 12 Channel, 40mA
logo
Texas Instruments
TLC6C5912 TI1-TLC6C5912 Datasheet
938Kb / 23P
[Old version datasheet]   TLC6C5912 12-Channel Shift-Register LED Driver
logo
Rohm
BD18377EFV-M ROHM-BD18377EFV-M Datasheet
888Kb / 32P
   12 Channel Constant Current LED Driver IC
logo
Analog Devices
AD8386 AD-AD8386 Datasheet
380Kb / 20P
   10-Bit, 12-Channel Output Decimating LCD Driver
REV. 0
logo
LDT Co., Ltd
LD1510 LDT-LD1510 Datasheet
389Kb / 25P
   3Channel Output LED Driver with 12 bit PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com