Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1512 Datasheet(PDF) 6 Page - LDT Co., Ltd

Part # LD1512
Description  12 Channel Output LED Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1512 Datasheet(HTML) 6 Page - LDT Co., Ltd

Back Button LD1512 Datasheet HTML 2Page - LDT Co., Ltd LD1512 Datasheet HTML 3Page - LDT Co., Ltd LD1512 Datasheet HTML 4Page - LDT Co., Ltd LD1512 Datasheet HTML 5Page - LDT Co., Ltd LD1512 Datasheet HTML 6Page - LDT Co., Ltd LD1512 Datasheet HTML 7Page - LDT Co., Ltd LD1512 Datasheet HTML 8Page - LDT Co., Ltd LD1512 Datasheet HTML 9Page - LDT Co., Ltd LD1512 Datasheet HTML 10Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Ver0.7
6
LD1512
12 Channel Output LED Driver with 8/12/16 bit PWM Controller
ABSOLUTE MAXIMUM RATINGS (Ta = 25oC)
(Note ) Ambient temperature delated above 25oC in the proportion of 14.2mW/ oC
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
Output Voltage
Output Current
Input Voltage
GND Terminal Current
CLKI Frequency
Power Dissipation
Operating Temperature
Storage Temperature
VCC
VOUT
IOUT
VIN
IGND
fCK
PD
Topr
Tstg
0~40
-0.5~30
60
-0.4~VDD+0.4
960
20
1.4
-40~85
-55~150
V
V
mA
V
mA
MHz
W
oC
oC
ELECTRICAL CHARACTERISTICS
Internal PWM Clock Frequency
fPWMCK
12
MHz
RECOMMENDED OPERATING CONDITIONS
Regulator Voltage
VDD
0~6.5
V
DC CHARACTERISTICS
SYMBOL
UNIT
Input
Voltage
VIH
V
MAX.
VDD
TYP.
-
MIN.
0.7VDD
“H” Level
VIL
0.3VDD
-
GND
“L” Level
Output
Voltage
VOL
V
0.2VDD
-
-
DO,CLKO,
IOH = -10mA
IOL = 10mA
VOH
-
-
0.8VDD
VCC Supply Voltage
V
cc
V
40
-
4.5
LED Driver Output Voltage
V
OUT
V
40
High Level Output Current, VO = 0.8VDD
I
OH
mA
-10
Low Level Output Current, VO = 0.2VDD
I
OL
mA
10
LED Driver Output Current
I
OUT
mA
60
Operating Free-air Temperature Range
oC
85
-40
CLKI Frequency
f
CK
MHz
20
Internal PWM Clock Frequency
f
PWMCK
MHz
12
10
8
Setup Time
t
setup
ns
-10
AC CHARACTERISTICS
SYMBOL
UNIT
MAX.
TYP.
MIN.
Pulse Width
t
WH0 / tWL0
ns
20
CLKI
Hold Time
t
hold
ns
40
VDD Regulator Voltage or External Supply Voltage
V
DD
V
5.5
5.0
4.5


Similar Part No. - LD1512

ManufacturerPart #DatasheetDescription
logo
LDT Co., Ltd
LD1510 LDT-LD1510 Datasheet
389Kb / 25P
   3Channel Output LED Driver with 12 bit PWM Controller
LD1510SP LDT-LD1510SP Datasheet
389Kb / 25P
   3Channel Output LED Driver with 12 bit PWM Controller
LD1510SS LDT-LD1510SS Datasheet
389Kb / 25P
   3Channel Output LED Driver with 12 bit PWM Controller
More results

Similar Description - LD1512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5930 TI-TLC5930 Datasheet
779Kb / 39P
[Old version datasheet]   12-CHANNEL LED DRIVER
TLC5930PWPR TI1-TLC5930PWPR Datasheet
804Kb / 40P
[Old version datasheet]   12-CHANNEL LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
FM6120 FUMAN-FM6120 Datasheet
704Kb / 14P
   12-channel dual-buffer constant current output LED driver chip
logo
LDT Co., Ltd
LD1071 LDT-LD1071 Datasheet
554Kb / 36P
   16 Channel Output LED Driver
LD1048 LDT-LD1048 Datasheet
200Kb / 27P
   48 Channel Output LED DRIVER
logo
Linear Dimensions Semic...
LND8925 LINEAR_DIMENSIONS-LND8925 Datasheet
118Kb / 1P
   60 V Led Driver, 12 Channel, 40mA
logo
Texas Instruments
TLC6C5912 TI1-TLC6C5912 Datasheet
938Kb / 23P
[Old version datasheet]   TLC6C5912 12-Channel Shift-Register LED Driver
logo
Rohm
BD18377EFV-M ROHM-BD18377EFV-M Datasheet
888Kb / 32P
   12 Channel Constant Current LED Driver IC
logo
Analog Devices
AD8386 AD-AD8386 Datasheet
380Kb / 20P
   10-Bit, 12-Channel Output Decimating LCD Driver
REV. 0
logo
LDT Co., Ltd
LD1510 LDT-LD1510 Datasheet
389Kb / 25P
   3Channel Output LED Driver with 12 bit PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com