Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0661A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0661A
Description  SAW Filter 950MHz 150MHz BW (SMD 3.8x3.8 mm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0661A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0661A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0661A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0661A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0661A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0661A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0661A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - TB0661A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0661A GOLLEDGE-TB0661A Datasheet
52Kb / 4P
   SAW Filter 950.0MHz
More results

Similar Description - TB0661A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0748A TAI-SAW-TB0748A Datasheet
318Kb / 6P
   SAW Filter 1025MHz 150MHz BW (SMD 3.8x3.8 mm)
TB1047A TAI-SAW-TB1047A Datasheet
285Kb / 7P
   SAW Filter 150MHz 80MHz BW (SMD 7횞5 mm)
TA1602A TAI-SAW-TA1602A Datasheet
431Kb / 7P
   SAW Filter 315 MHz (BW 1.06MHz) SMD 3.8X3.8 mm
TA2048A TAI-SAW-TA2048A Datasheet
499Kb / 7P
   SAW Filter 505 MHz (BW 10MHz) SMD 3.8X3.8 mm
TA0963B TAI-SAW-TA0963B Datasheet
373Kb / 6P
   SAW Filter 638 MHz SMD 3.8X3.8 mm(BW=24MHz)
TA2489A TAI-SAW-TA2489A Datasheet
546Kb / 7P
   SAW Filter 332 MHz (BW 24 MHz) SMD 3.8X3.8 mm
TA2434A TAI-SAW-TA2434A Datasheet
515Kb / 7P
   SAW Filter 332 MHz (BW 24 MHz) SMD 3.8X3.8 mm
TA2518A TAI-SAW-TA2518A Datasheet
491Kb / 7P
   SAW Filter 433.5 MHz (BW 20 MHz) SMD 3.8X3.8 mm
TB1327A TAI-SAW-TB1327A Datasheet
687Kb / 7P
   IF SAW Filter 248.45 MHz SMD 3.8X3.8 mm (BW=0.53 MHz)
TB1386AA3610 TAI-SAW-TB1386AA3610 Datasheet
872Kb / 8P
   IF SAW Filter 559.5 MHz SMD 3.8x3.8 mm (BW=0.6 MHz)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com