Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC100 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # MPC100
Description  Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPC100 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button MPC100 Datasheet HTML 7Page - Burr-Brown (TI) MPC100 Datasheet HTML 8Page - Burr-Brown (TI) MPC100 Datasheet HTML 9Page - Burr-Brown (TI) MPC100 Datasheet HTML 10Page - Burr-Brown (TI) MPC100 Datasheet HTML 11Page - Burr-Brown (TI) MPC100 Datasheet HTML 12Page - Burr-Brown (TI) MPC100 Datasheet HTML 13Page - Burr-Brown (TI) MPC100 Datasheet HTML 14Page - Burr-Brown (TI) MPC100 Datasheet HTML 15Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
®
MPC100
50
150
50
V
I
DB2
22pF
BUF601
50
50
V
O
GND
GND
DB1
150
DB4
DB3
200
GND
IN
4
IN
1
150
MPC100
15
180
V
O
V
I
Crosstalk = 20log
IN
3 is connected with 150Ω + 50Ω to GND
SEL1
SEL2
SEL3
SEL4
0
0
1
0
V
I = 1.4Vp-p
IN
2
IN
3
50
150
50
V
I
DB2
22pF
BUF601
50
50
V
O
IN
2
IN
3
GND
GND
DB1
150
DB4
DB3
GND
IN
4
IN
1
150
MPC100
15
180
V
O
V
I
Crosstalk = 20log
IN
3 is connected to GND
SEL1
SEL2
SEL3
SEL4
0
0
1
0
V
I = 1.4Vp-p
FIGURE 3. Channel Crosstalk—Grounded Input.
FIGURE 4. Channel Crosstalk—150
Ω Input Resistor.
FIGURE 5. Off Isolation.
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
MPC100AP
MPC100AU
Frequency (Hz)
10M
100M
300M
1M
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
MPC100AU
MPC100AP
Frequency (Hz)
10M
100M
300M
1M
10
0
–10
–20
–30
–40
–50
–60
–70
–80
Frequency (Hz)
10M
100M
300M
–90
MPC100AU
MPC100AP
1M
50
150
50
V
I
DB2
BUF601
50
50
V
O
IN
2
IN
3
GND
GND
DB1
150
DB4
DB3
150
GND
IN
4
IN
1
150
MPC100
180
V
O
V
I
Crosstalk = 20log
SEL1
SEL2
SEL3
SEL4
0
0
0
0
V
I = 1.4Vp-p


Similar Part No. - MPC100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPC100 TI1-MPC100 Datasheet
270Kb / 16P
[Old version datasheet]   Wide Bandwidth 4x1 VIDEO MULTIPLEXER
MPC100AP TI1-MPC100AP Datasheet
270Kb / 16P
[Old version datasheet]   Wide Bandwidth 4x1 VIDEO MULTIPLEXER
MPC100AU TI1-MPC100AU Datasheet
270Kb / 16P
[Old version datasheet]   Wide Bandwidth 4x1 VIDEO MULTIPLEXER
MPC100AU/2K5 TI1-MPC100AU/2K5 Datasheet
270Kb / 16P
[Old version datasheet]   Wide Bandwidth 4x1 VIDEO MULTIPLEXER
More results

Similar Description - MPC100

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC104 BURR-BROWN-MPC104 Datasheet
251Kb / 15P
   Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
logo
Texas Instruments
MPC104 TI1-MPC104 Datasheet
178Kb / 16P
[Old version datasheet]   Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
MPC100 TI1-MPC100 Datasheet
270Kb / 16P
[Old version datasheet]   Wide Bandwidth 4x1 VIDEO MULTIPLEXER
logo
Analog Devices
ADG792G AD-ADG792G_15 Datasheet
569Kb / 24P
   Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG792A AD-ADG792A_15 Datasheet
569Kb / 24P
   Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
logo
Burr-Brown (TI)
MPC102 BURR-BROWN-MPC102 Datasheet
283Kb / 12P
   Wide-Bandwidth DIFFERENTIAL 2 x 1 MULTIPLEXER
logo
Analog Devices
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
Fairchild Semiconductor
FSAV331MTC FAIRCHILD-FSAV331MTC Datasheet
138Kb / 6P
   Dual 4:1 Wide Bandwidth Video Switch
logo
Analog Devices
ADG792A AD-ADG792A Datasheet
568Kb / 24P
   IC-Compatible, Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com