Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC102 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # MPC102
Description  Wide-Bandwidth DIFFERENTIAL 2 x 1 MULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPC102 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button MPC102 Datasheet HTML 4Page - Burr-Brown (TI) MPC102 Datasheet HTML 5Page - Burr-Brown (TI) MPC102 Datasheet HTML 6Page - Burr-Brown (TI) MPC102 Datasheet HTML 7Page - Burr-Brown (TI) MPC102 Datasheet HTML 8Page - Burr-Brown (TI) MPC102 Datasheet HTML 9Page - Burr-Brown (TI) MPC102 Datasheet HTML 10Page - Burr-Brown (TI) MPC102 Datasheet HTML 11Page - Burr-Brown (TI) MPC102 Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
®
MPC102
FIGURE 3. Channel Crosstalk – Grounded Input.
20
0
–20
–40
–60
–80
–100
Frequency (Hz)
10M
100M
300M
MPC102AP
1M
100k
MPC102AU
IN
4
IN
3
V
IN2
150
150
DB2
DB1
DB4
MPC102
V
OUT1
DB3
V
OUT2
V
IN = 1.4Vp –p
IN
2
IN
1
V
IN1
150
150
50
50
SEL1 0
SEL2 1
SEL3 0
SEL4 1
1k
BUF601
50
50
150
22
V
OUT1
1k
BUF601
50
50
150
22
V
OUT2
FIGURE 4. Off Isolation 150
Ω Input.
Frequency (Hz)
10M
100M
300M
1M
100k
20
0
–20
–40
–60
–80
–100
MPC102AU
MPC102AP
150
DB2
DB1
150
DB4
150
150
MPC102
SEL1
SEL2
SEL3
SEL4
0
0
0
0
V
IN = 1.4Vp-p
DB3
50
50
V
IN1
50
50
V
IN2
IN
1
IN
2
IN
3
IN
4
1k
BUF601
50
50
150
22
V
OUT1
1k
BUF601
50
50
150
22
V
OUT2
V
OUT1
V
OUT2
FIGURE 5. Off Isolation Test Circuit 2.
20
0
–20
–40
–60
–80
–100
Frequency (Hz)
10M
100M
300M
MPC102AP
1M
100k
MPC102AU
IN
4
IN
3
V
IN2
150
150
DB2
1k
BUF601
50
50
DB1
DB4
MPC102
150
V
OUT1
DB3
22
V
IN = 1.4Vp –p
IN
2
IN
1
V
IN1
150
150
50
50
V
OUT1
1k
BUF601
50
50
150
V
OUT2
22
V
OUT2
SEL1 0
SEL2 1
SEL3 0
SEL4 1


Similar Part No. - MPC102

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
MPC102-832 AXIOMTEK-MPC102-832 Datasheet
423Kb / 2P
   Ultra slim design - thickness 45.8 mm
MPC102-832-DC AXIOMTEK-MPC102-832-DC Datasheet
423Kb / 2P
   Ultra slim design - thickness 45.8 mm
MPC102-832-J AXIOMTEK-MPC102-832-J Datasheet
423Kb / 2P
   Ultra slim design - thickness 45.8 mm
MPC102-832 AXIOMTEK-MPC102-832_17 Datasheet
366Kb / 2P
   10.4 SVGA TFT Medical Grade Fanless Touch Panel Computer with Intel Atom
More results

Similar Description - MPC102

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC104 BURR-BROWN-MPC104 Datasheet
251Kb / 15P
   Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
logo
Analog Devices
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A_15 Datasheet
514Kb / 24P
   Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG795A AD-ADG795A_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
logo
Burr-Brown (TI)
MPC100 BURR-BROWN-MPC100 Datasheet
351Kb / 15P
   Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
logo
NXP Semiconductors
CBTU04083 NXP-CBTU04083 Datasheet
323Kb / 14P
   1.8 V, wide bandwidth, 4 differential channel, 2 : 1 multiplexer/demultiplexer switch
Rev. 1-16 July 2010
logo
ON Semiconductor
FSAL200 ONSEMI-FSAL200 Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
logo
Fairchild Semiconductor
FSAL200 FAIRCHILD-FSAL200_07 Datasheet
259Kb / 11P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com