Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA111SM Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA111SM
Description  Low Noise Precision Difet OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA111SM Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA111SM Datasheet HTML 1Page - Burr-Brown (TI) OPA111SM Datasheet HTML 2Page - Burr-Brown (TI) OPA111SM Datasheet HTML 3Page - Burr-Brown (TI) OPA111SM Datasheet HTML 4Page - Burr-Brown (TI) OPA111SM Datasheet HTML 5Page - Burr-Brown (TI) OPA111SM Datasheet HTML 6Page - Burr-Brown (TI) OPA111SM Datasheet HTML 7Page - Burr-Brown (TI) OPA111SM Datasheet HTML 8Page - Burr-Brown (TI) OPA111SM Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
OPA111
®
DICE INFORMATION
OPA111AD DIE TOPOGRAPHY
PAD
FUNCTION
1
Offset Trim
2
–In
3
+In
4–V
S
5
Offset Trim
6
Output
7+V
S
8
Substrate
Substrate Bias: This Dielectrically-Isolated
Substrate is normally connected to common.
MECHANICAL INFORMATION
MILS (0.001")
MILLIMETERS
Die Size
95 x 71
±5
2.41 x 1.80
±0.13
Die Thickness
20
±3
0.51
±0.08
Min. Pad Size
4 x 4
0.10 x 0.10
Backing:
None
Transistor Count:
44
TYPICAL PERFORMANCE CURVES
TA = +25°C, VCC = ±15VDC unless otherwise noted.
INPUT CURRENT NOISE SPECTRAL DENSITY
1k
Frequency (Hz)
100
10
1
10k
100k
1M
100
10
1
0.1
BM
INPUT VOLTAGE NOISE SPECTRAL DENSITY
1k
Frequency (Hz)
10k
100k
1M
100
10
1
1k
100
10
1
BM
AM, SM


Similar Part No. - OPA111SM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA111SM TI1-OPA111SM Datasheet
152Kb / 14P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA111SMQ TI1-OPA111SMQ Datasheet
152Kb / 14P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA111SM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com