Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA124P Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA124P
Description  Low Noise Precision Difet OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA124P Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA124P Datasheet HTML 1Page - Burr-Brown (TI) OPA124P Datasheet HTML 2Page - Burr-Brown (TI) OPA124P Datasheet HTML 3Page - Burr-Brown (TI) OPA124P Datasheet HTML 4Page - Burr-Brown (TI) OPA124P Datasheet HTML 5Page - Burr-Brown (TI) OPA124P Datasheet HTML 6Page - Burr-Brown (TI) OPA124P Datasheet HTML 7Page - Burr-Brown (TI) OPA124P Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
®
OPA124
4
VOLTAGE AND CURRENT NOISE SPECTRAL
DENSITY vs TEMPERATURE
12
10
8
6
4
–50
–25
0
25
50
75
100
125
Temperature (°C)
100
10
1
0.1
0.01
f
O = 1kHz
TYPICAL PERFORMANCE CURVES
At TA = +25°C, and VCC = ±15VDC, unless otherwise noted.
INPUT CURRENT NOISE SPECTRAL DENSITY
1k
Frequency (Hz)
100
10
1
10k
100k
1M
100
10
1
0.1
PB
INPUT VOLTAGE NOISE SPECTRAL DENSITY
1k
Frequency (Hz)
10k
100k
1M
100
10
1
1k
100
10
1
U, P
PB
TOTAL
(1) INPUT VOLTAGE NOISE SPECTRAL
DENSITY vs SOURCE RESISTANCE
100
Frequency (Hz)
1k
10k
100k
10
1
0.1
1k
100
10
1
R
S = 10MΩ
R
S = 1MΩ
R
S = 100kΩ
R
S = 100 Ω
PB
NOTE: (1) Includes contribution
from source resistance.
TOTAL
(1) INPUT VOLTAGE NOISE (PEAK-TO-PEAK)
vs SOURCE RESISTANCE
10
1k
100
10
1
NOTE: (1) Includes contribution
from source resistance.
4
Source Resistance (
Ω)
10
5
10
6
10
7
10
8
10
9
10
10
PB
f
B = 0.1Hz to 10Hz
TOTAL INPUT VOLTAGE NOISE SPECTRAL DENSITY
AT 1kHz vs SOURCE RESISTANCE
1k
100
10
1
100
1k
10k
100k
1M
10M
100M
Source Resistance ( )
Resistor Noise Only
OPA124PB +
Resistor
E
O
R
S


Similar Part No. - OPA124P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA124P TI1-OPA124P Datasheet
292Kb / 13P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA124PA TI1-OPA124PA Datasheet
292Kb / 13P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA124PA2 TI1-OPA124PA2 Datasheet
292Kb / 13P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA124PB TI1-OPA124PB Datasheet
292Kb / 13P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA124P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com