Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0746A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0746A
Description  SAW Filter 140MHz (SMD 13.3횞6.5x1.65 mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0746A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0746A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0746A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0746A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0746A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0746A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0746A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0746A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No.3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales3@mail.taisaw.com Web: www.taisaw.com
SAW Filter 140MHz (SMD 13.3×6.5x1.65 mm)
Model No.: TB0746A
Rev. No.:1.0
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2. Operating Temperature: -20
°C to +80°C
3. Storage Temperature: -40
°C to +85°C
B. Characteristics :
Ambient Temperature: 25
°C
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency FC
MHz
-
140.0
-
-
Minimum Insertion loss I.L.
dB
-
11.3
13.0
-
1dB BW
MHz
30.0
33.0
-
-
3dB BW
MHz
32.0
35.0
-
-
35dB BW
MHz
-
42.4
44.0
-
Passband Ripple (80% of 3dB BW)
dB
-
0.6
1.2
-
Phase Linearity (80% of 3dB BW)
deg
-
5.0
14
-
Delay Variation (80% of 3dB BW)
nsec
-
50
120
-
Absolute Delay
usec
-
0.55
-
-
Substrate Material
YZ-LiNbO3
-
Temp Coefficient
ppm/K
-
-94
-
-
Matching:
1.The input of the filter will be matched to 50 ohm
2.The output of the filter will be matched to 50 ohm
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TB0746A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0746A GOLLEDGE-TB0746A Datasheet
126Kb / 6P
   SAW Filter 140MHz
More results

Similar Description - TB0746A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0725A TAI-SAW-TB0725A Datasheet
434Kb / 7P
   SAW Filter 133.96MHz (SMD 13.3횞6.5x1.65 mm)
TB0964A TAI-SAW-TB0964A Datasheet
302Kb / 8P
   SAW Filter 140MHz 7.5MHz BW (SMD 5.0횞7.0 mm)
TB0966A TAI-SAW-TB0966A Datasheet
301Kb / 8P
   SAW Filter 140MHz 3.7MHz BW (SMD 5.0횞7.0 mm)
TB1148A TAI-SAW-TB1148A Datasheet
151Kb / 7P
   SAW Filter 140MHz 11MHz BW (SMD 13.3횞6.5 mm)
TB0963A TAI-SAW-TB0963A Datasheet
320Kb / 8P
   SAW Filter 140MHz 15MHz BW (SMD 5.0횞7.0 mm)
TB0965A TAI-SAW-TB0965A Datasheet
302Kb / 8P
   SAW Filter 140MHz 2MHz BW (SMD 5.0횞7.0 mm)
TB1163A TAI-SAW-TB1163A Datasheet
101Kb / 7P
   SAW Filter 140MHz 13MHz BW (SMD 7.0횞5.0 mm)
TB1167A TAI-SAW-TB1167A Datasheet
211Kb / 6P
   SAW Filter 140MHz 7.7MHz BW (SMD 20.0횞9.8 mm)
TB1149A TAI-SAW-TB1149A Datasheet
150Kb / 7P
   SAW Filter 140MHz 5.6MHz BW (SMD 13.3횞6.5 mm)
logo
SIPAT Co,Ltd
LB140DS13 SIPAT-LB140DS13 Datasheet
152Kb / 3P
   140MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com