Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA124PB Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA124PB
Description  Low Noise Precision Difet OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA124PB Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA124PB Datasheet HTML 1Page - Burr-Brown (TI) OPA124PB Datasheet HTML 2Page - Burr-Brown (TI) OPA124PB Datasheet HTML 3Page - Burr-Brown (TI) OPA124PB Datasheet HTML 4Page - Burr-Brown (TI) OPA124PB Datasheet HTML 5Page - Burr-Brown (TI) OPA124PB Datasheet HTML 6Page - Burr-Brown (TI) OPA124PB Datasheet HTML 7Page - Burr-Brown (TI) OPA124PB Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
®
OPA124
5
COMMON-MODE REJECTION
vs INPUT COMMON-MODE VOLTAGE
–15
Common-Mode Voltage (V)
–10
–5
0
5
10
15
120
110
100
90
80
70
BIAS AND OFFSET CURRENT
vs INPUT COMMON-MODE VOLTAGE
–15
–10
–5
0
5
10
15
10
1
0.1
0.01
10
1
0.1
0.01
Common-Mode Voltage (V)
Bias Current
Offset Current
OPEN-LOOP FREQUENCY RESPONSE
1
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
140
120
100
80
60
40
20
0
Phase
Margin
≈ 65°
–45
–90
–135
–180
Gain
COMMON-MODE REJECTION
vs FREQUENCY
1
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
140
120
100
80
60
40
20
0
POWER SUPPLY REJECTION
vs FREQUENCY
1
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
140
120
100
80
60
40
20
0
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, and VCC = ±15VDC, unless otherwise noted.
BIAS AND OFFSET CURRENT
vs TEMPERATURE
–50
Ambient Temperature (°C)
–25
0
25
50
75
100
125
1k
100
10
1
0.1
0.01
PB
1k
100
10
1
0.1
0.01


Similar Part No. - OPA124PB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA124PB TI1-OPA124PB Datasheet
292Kb / 13P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA124PB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com