Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2132P Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2132P
Description  High Speed FET-INPUT OPERATIONAL AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2132P Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA2132P Datasheet HTML 1Page - Burr-Brown (TI) OPA2132P Datasheet HTML 2Page - Burr-Brown (TI) OPA2132P Datasheet HTML 3Page - Burr-Brown (TI) OPA2132P Datasheet HTML 4Page - Burr-Brown (TI) OPA2132P Datasheet HTML 5Page - Burr-Brown (TI) OPA2132P Datasheet HTML 6Page - Burr-Brown (TI) OPA2132P Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
OPA132, 2132, 4132
®
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
Single
OPA132PA
8-Pin Plastic DIP
006
OPA132P
8-Pin Plastic DIP
006
OPA132UA
SO-8 Surface-Mount
182
OPA132U
SO-8 Surface-Mount
182
Dual
OPA2132PA
8-Pin Plastic DIP
006
OPA2132P
8-Pin Plastic DIP
006
OPA2132UA
SO-8 Surface-Mount
182
OPA2132U
SO-8 Surface-Mount
182
Quad
OPA4132PA
14-Pin Plastic DIP
010
OPA4132UA
SO-14 Surface-Mount
235
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V+ to V– .................................................................... 36V
Input Voltage .................................................... (V–) –0.7V to (V+) +0.7V
Output Short-Circuit(1) .............................................................. Continuous
Operating Temperature ................................................. –40
°C to +125°C
Storage Temperature ..................................................... –40
°C to +125°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
NOTE: (1) Short-circuit to ground, one amplifier per package.
MODEL
PACKAGE
TEMPERATURE RANGE
Single
OPA132PA
8-Pin Plastic DIP
–40
°C to +85°C
OPA132P
8-Pin Plastic DIP
–40
°C to +85°C
OPA132UA
SO-8 Surface-Mount
–40
°C to +85°C
OPA132U
SO-8 Surface-Mount
–40
°C to +85°C
Dual
OPA2132PA
8-Pin Plastic DIP
–40
°C to +85°C
OPA2132P
8-Pin Plastic DIP
–40
°C to +85°C
OPA2132UA
SO-8 Surface-Mount
–40
°C to +85°C
OPA2132U
SO-8 Surface-Mount
–40
°C to +85°C
Quad
OPA4132PA
14-Pin Plastic DIP
–40
°C to +85°C
OPA4132UA
SO-14 Surface-Mount
–40
°C to +85°C
ORDERING INFORMATION


Similar Part No. - OPA2132P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2132P BURR-BROWN-OPA2132P Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132P BURR-BROWN-OPA2132P Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132PA BURR-BROWN-OPA2132PA Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132PA BURR-BROWN-OPA2132PA Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2132PA TI1-OPA2132PA Datasheet
1Mb / 30P
[Old version datasheet]   High-Speed FET-Input Operational Amplifiers
More results

Similar Description - OPA2132P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA132 TI1-OPA132 Datasheet
1Mb / 30P
[Old version datasheet]   High-Speed FET-Input Operational Amplifiers
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
OPA2132 BURR-BROWN-OPA2132 Datasheet
521Kb / 13P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Hitachi Semiconductor
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
   J-FET Input Operational Amplifiers
logo
Texas Instruments
TL081 TI-TL081_V02 Datasheet
4Mb / 70P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
TL081 TI-TL081_V03 Datasheet
5Mb / 75P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
logo
Cirrus Logic
PA07 APEX-PA07 Datasheet
247Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081 TI-TL081_V01 Datasheet
4Mb / 66P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
logo
Linear Technology
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com