Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4130 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA4130
Description  Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4130 Datasheet(HTML) 7 Page - Burr-Brown (TI)

  OPA4130 Datasheet HTML 1Page - Burr-Brown (TI) OPA4130 Datasheet HTML 2Page - Burr-Brown (TI) OPA4130 Datasheet HTML 3Page - Burr-Brown (TI) OPA4130 Datasheet HTML 4Page - Burr-Brown (TI) OPA4130 Datasheet HTML 5Page - Burr-Brown (TI) OPA4130 Datasheet HTML 6Page - Burr-Brown (TI) OPA4130 Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
OPA130, 2130, 4130
®
APPLICATIONS INFORMATION
OPA130 series op amps are unity-gain stable and suitable
for a wide range of general-purpose applications. Power
supply pins should be bypassed with 10nF ceramic capaci-
tors or larger.
OPA130 op amps are free from unexpected output phase-
reversal common with FET op amps. Many FET-input op
amps exhibit phase-reversal of the output when the input
common-mode voltage range is exceeded. This can occur in
voltage-follower circuits, causing serious problems in
control loop applications. OPA130 series op amps are free
from this undesirable behavior. All circuitry is completely
independent in dual and quad versions, assuring normal
behavior when one amplifier in a package is overdriven or
short-circuited.
OPERATING VOLTAGE
OPA130 series op amps operate with power supplies from
±2.25V to ±18V with excellent performance. Although
specifications are production tested with
±15V supplies,
most behavior remains unchanged throughout the full
operating voltage range. Parameters which vary signifi-
cantly with operating voltage are shown in the typical
performance curves.
OFFSET VOLTAGE TRIM
Offset voltage of OPA130 series amplifiers is laser trimmed
and usually requires no user adjustment. The OPA130
(single op amp version) provides offset voltage trim con-
nections on pins 1 and 5. Offset voltage can be adjusted by
connecting a potentiometer as shown in Figure 1. This
adjustment should be used only to null the offset of the op
amp, not to adjust system offset or offset produced by the
signal source. Nulling offset that is not produced by the
amplifier will change the offset voltage drift behavior of
the op amp.
V+
V–
100k
OPA130 single op amp only.
Use offset adjust pins only to null
offset voltage of op amp—see text.
Trim Range: ±5mV typ
OPA130
6
7
5
4
3
2
1
10nF
10nF
FIGURE 1. OPA130 Offset Voltage Trim Circuit.
INPUT BIAS CURRENT
The input bias current is approximately 5pA at room tem-
perature and increases with temperature as shown in the
typical performance curve “Input Bias Current vs Tempera-
ture.”
Input stage cascode circuitry assures that the input bias
current remains virtually unchanged throughout the full
input common-mode range of the OPA130. See the typical
performance curve “Input Bias Current vs Common-Mode
Voltage.”


Similar Part No. - OPA4130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4130 TI-OPA4130 Datasheet
698Kb / 16P
[Old version datasheet]   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
OPA4130PA TI-OPA4130PA Datasheet
698Kb / 16P
[Old version datasheet]   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
OPA4130UA TI-OPA4130UA Datasheet
698Kb / 16P
[Old version datasheet]   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
OPA4130UA/2K5 TI-OPA4130UA/2K5 Datasheet
698Kb / 16P
[Old version datasheet]   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
OPA4130UA/2K5E4 TI-OPA4130UA/2K5E4 Datasheet
698Kb / 16P
[Old version datasheet]   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA130 TI-OPA130_07 Datasheet
698Kb / 16P
[Old version datasheet]   Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM062C NJRC-NJM062C Datasheet
4Mb / 21P
   LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA07 APEX-PA07 Datasheet
247Kb / 4P
   FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4000-1 AD-ADA4000-1_09 Datasheet
420Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. A
ADA4000-1 AD-ADA4000-1_07 Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1 AD-ADA4000-1_16 Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
logo
Texas Instruments
TL071 TI-TL071_V05 Datasheet
5Mb / 90P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
logo
New Japan Radio
NJM072C NJRC-NJM072C Datasheet
1Mb / 21P
   LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
logo
Texas Instruments
TL071 TI-TL071_V03 Datasheet
5Mb / 84P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com