Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE150A Datasheet(PDF) 3 Page - Leshan Radio Company

Part # P6KE150A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

P6KE150A Datasheet(HTML) 3 Page - Leshan Radio Company

  P6KE150A Datasheet HTML 1Page - Leshan Radio Company P6KE150A Datasheet HTML 2Page - Leshan Radio Company P6KE150A Datasheet HTML 3Page - Leshan Radio Company P6KE150A Datasheet HTML 4Page - Leshan Radio Company P6KE150A Datasheet HTML 5Page - Leshan Radio Company P6KE150A Datasheet HTML 6Page - Leshan Radio Company P6KE150A Datasheet HTML 7Page - Leshan Radio Company P6KE150A Datasheet HTML 8Page - Leshan Radio Company P6KE150A Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UNI-
REVERSE
BREAKDOWN
BREAKDOWN
TEST
MAXIMUM
REVERSE
DIRECTIONAL
STAND-OFF
VOLTAGE
VOLTAGE
CURRENT
CLAMPING
LEAKAGE
PART
VOLTAGE
VBR (V)
VBR (V)
IT
VOLTAGE
@VRWM
NUMBER
VRWM (V)
MIN. @IT
MAX. @IT
(mA)
@IPP VC (V)
IR (uA)
P6KE75
60.7
67.5
82.5
1
1081
P6KE75A
64.1
71.3
78.8
1
1031
P6KE82
66.4
73.8
90.2
1
1181
P6KE82A
70.1
77.9
86.1
1
1131
P6KE91
73.7
81.9
100
1
1311
P6KE91A
77.8
86.5
95.5
1
1251
P6KE100
81
90
110
1
1441
P6KE100A
85.5
95
105
1
1371
P6KE110
89.2
99
121
1
1581
P6KE110A
94
105
116
1
1521
P6KE120
97.2
108
132
1
1731
P6KE120A
102
114
126
1
1651
P6KE130
105
117
143
1
1871
P6KE130A
111
124
137
1
1791
P6KE150
121
135
165
1
2151
P6KE150A
128
143
158
1
2071
P6KE160
130
144
176
1
2301
P6KE160A
136
152
168
1
2191
P6KE170
138
153
187
1
2441
P6KE170A
145
162
179
1
2341
P6KE180
146
162
198
1
2581
P6KE180A
154
171
189
1
2461
P6KE200
162
180
220
1
2871
P6KE200A
171
190
210
1
2741
P6KE220
175
198
242
1
3441
P6KE220A
185
209
231
1
3281
P6KE250
202
225
275
1
3601
P6KE250A
214
237
263
1
3441
P6KE300
243
270
330
1
4301
P6KE300A
256
285
315
1
4141
P6KE350
284
315
385
1
5041
P6KE350A
300
332
368
1
4821
P6KE400
324
360
440
1
5741
P6KE400A
342
380
420
1
5481
P6KE440
356
396
484
1
6311
P6KE440A
376
418
462
1
6021
P6KE480
389
432
528
1
6861
P6KE480A
408
456
504
1
6581
P6KE510
413
459
561
1
7291
P6KE510A
434
485
535
1
6981
P6KE550
445
495
605
1
7911
P6KE550A
467
523
577
1
7601
NOTES:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25
°Cper Fig. 2.
2. Mounted on Copper Leaf area of 1.57in2(40mm2).
3. 8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
P6KE*** Series


Similar Part No. - P6KE150A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE150A MOTOROLA-P6KE150A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
STMicroelectronics
P6KE150A STMICROELECTRONICS-P6KE150A Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
logo
TAITRON Components Inco...
P6KE150A TAITRON-P6KE150A Datasheet
279Kb / 6P
   600W Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
P6KE150A SUNMATE-P6KE150A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
First Silicon Co., Ltd
P6KE150A FS-P6KE150A Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
More results

Similar Description - P6KE150A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
1.5KE SPSEMI-1.5KE Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
StarHope
P6KE SPSEMI-P6KE Datasheet
356Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 600 Volts
TVS-P4KE SPSEMI-TVS-P4KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 550 Volts 400 Watt Peak Power/1.0Watt Steady State
logo
Micro Commercial Compon...
SMBJP6KE68A MCC-SMBJP6KE68A_13 Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
SMBJP6KE27A-TP MCC-SMBJP6KE27A-TP Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com