Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ90A Datasheet(PDF) 7 Page - Leshan Radio Company

Part # SMAJ90A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SMAJ90A Datasheet(HTML) 7 Page - Leshan Radio Company

Back Button SMAJ90A Datasheet HTML 3Page - Leshan Radio Company SMAJ90A Datasheet HTML 4Page - Leshan Radio Company SMAJ90A Datasheet HTML 5Page - Leshan Radio Company SMAJ90A Datasheet HTML 6Page - Leshan Radio Company SMAJ90A Datasheet HTML 7Page - Leshan Radio Company SMAJ90A Datasheet HTML 8Page - Leshan Radio Company SMAJ90A Datasheet HTML 9Page - Leshan Radio Company SMAJ90A Datasheet HTML 10Page - Leshan Radio Company SMAJ90A Datasheet HTML 11Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
标题Titile:
C. 7"卷盘盒 box
单位:mm
A
BC
尺寸
188
±2.0
188
±2.0
138
±2.0
按以上包装方式,产品包装数量:quantity
7"卷盘
D. 卷盘外箱 reel carton
单位:mm
A
BC
尺寸
350
±2.0
340
±2.0
350
±2.0
按以上包装方式,产品包装数量:
每箱数量
80K
80K
48K
36K
1.2 编带规格 tape spec
A. 盖带 Cover tape
单位:mm
A
SMA
SMB
SMC
13.30
±0.10
SMB13"卷盘
SMC13"卷盘
规格
9.30
±0.10
0.068
±0.005
B
Packaging specification of SMD
3 页
16K
每盒数量
SMA 7"卷盘
SMA13"卷盘
文件编号:
WI-258
塑封生产线SMD产品包装规范
文件编号:
WI-258


Similar Part No. - SMAJ90A

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
SMAJ90A FS-SMAJ90A Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Jinan Gude Electronic D...
SMAJ90A JGD-SMAJ90A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ90A SOCAY-SMAJ90A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMAJ90A LUGUANG-SMAJ90A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMAJ90A SUNMATE-SMAJ90A Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
More results

Similar Description - SMAJ90A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com