Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0810A Datasheet(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0810A
Description  SAW Filter 140 MHz(BW=14.0MHz) DIP 27.0mmx12.8mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0810A Datasheet(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0810A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0810A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0810A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0810A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0810A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0810A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
Pin 1: RF input
Pin 5: RF output
Pin 3, 6: Case Ground
Pin 2, 4: Ground
: Week Code (Follow the table from planner each year)
Unit : mm
: Product / Year Code
Year
2009
2010
2011
2012
Product Code
B
b
B
b


Similar Part No. - TB0810A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0810A GOLLEDGE-TB0810A Datasheet
79Kb / 4P
   SAW Filter 140MHz
More results

Similar Description - TB0810A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0821A TAI-SAW-TB0821A Datasheet
520Kb / 5P
   SAW Filter 140 MHz(BW=0.2MHz) DIP 35.0mmx12.8mm
TB0242A TAI-SAW-TB0242A Datasheet
508Kb / 5P
   140 MHz IF SAW Filter (DIP 20.2횞12.6 mm)
TB0233A TAI-SAW-TB0233A Datasheet
510Kb / 5P
   140 MHz IF SAW Filter (DIP 20.2횞12.6 mm)
TB1364A TAI-SAW-TB1364A Datasheet
793Kb / 7P
   IF SAW Filter 140 MHz SMD13.3횞6.5 mm (BW=11 MHz)
TB0232A TAI-SAW-TB0232A Datasheet
451Kb / 5P
   140 MHz IF SAW Filter (DIP 20.2횞12.6 mm)
TB0811A TAI-SAW-TB0811A Datasheet
361Kb / 6P
   SAW Filter 160 MHz(BW=4.0MHz) DIP 35.0mmx12.8mm
TB0941A TAI-SAW-TB0941A Datasheet
412Kb / 6P
   SAW Filter 70 MHz(BW=3.2MHz) DIP 35.0mmx12.8mm
TB0940A TAI-SAW-TB0940A Datasheet
410Kb / 6P
   SAW Filter 70 MHz(BW=1.3MHz) DIP 35.0mmx12.8mm
TB1044A TAI-SAW-TB1044A Datasheet
425Kb / 6P
   SAW Filter 70 MHz(BW=2.25MHz) DIP 34.7mmx12.7mm
logo
Oscilent Corporation
821-IF70.0M-14A OSCILENT-821-IF70.0M-14A Datasheet
180Kb / 6P
   70.0 MHz IF SAW Filter 14.0MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com