Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA131UJ Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA131UJ
Description  General Purpose FET-INPUT OPERATIONAL AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA131UJ Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA131UJ Datasheet HTML 1Page - Burr-Brown (TI) OPA131UJ Datasheet HTML 2Page - Burr-Brown (TI) OPA131UJ Datasheet HTML 3Page - Burr-Brown (TI) OPA131UJ Datasheet HTML 4Page - Burr-Brown (TI) OPA131UJ Datasheet HTML 5Page - Burr-Brown (TI) OPA131UJ Datasheet HTML 6Page - Burr-Brown (TI) OPA131UJ Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
®
OPA131/2131/4131
SPECIFICATIONS
At TA = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
OPA131PA, UA
OPA2131PA, UA
OPA4131PA, UA, NA
OPA131PJ, UJ
OPA2131PJ, UJ
OPA4131PJ, NJ
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
±0.2
±1*
±1.5
mV
OPA131P, U models only
±0.2
0.75
mV
vs Temperature(1)
Operating Temperature Range
±2
±10
*
*
µV/°C
vs Power Supply
VS = ±4.5V to ±18V
50
200
*
*
µV/V
OPA131P, U models only
50
100
µV/V
INPUT BIAS CURRENT(2)
Input Bias Current
VCM = 0V
+5
±50
*
*
pA
vs Temperature
See Typical Curve
*
Input Offset Current
VCM = 0V
±1
±50
*
*
pA
NOISE
Input Voltage Noise
Noise Density, f = 10Hz
21
*
nV/
√Hz
f = 100Hz
16
*
nV/
√Hz
f = 1kHz
15
*
nV/
√Hz
f = 10kHz
15
*
nV/
√Hz
Current Noise Density, f = 1kHz
3
*
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
(V–)+3
(V+)–1
*
*
V
Common-Mode Rejection
VCM = –12V to +14V
70
80
*
*
dB
OPA131P, U models only
80
86
dB
INPUT IMPEDANCE
Differential
1010 || 1
*
Ω || pF
Common-Mode
VCM = 0V
1012 || 3
*
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
VO = –12V to +12V
94
110
*
*
dB
OPA131P, U models only
100
110
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
4
*
MHz
Slew Rate
10
*
V/
µs
Settling Time 0.1%
G = –1, 10V Step, CL = 100pF
1.5
*
µs
0.01%
G = –1, 10V Step, CL = 100pF
2
*
µs
Total Harmonic Distortion + Noise
1kHz, G = 1, VO = 3.5Vrms
0.0008
*
%
OUTPUT
Voltage Output, Positive
(V+)–3
(V+)–2.5
*
*
V
Negative
(V–)+3
(V–)+2.5
*
*
V
Short-Circuit Current
±25
*
mA
POWER SUPPLY
Specified Operating Voltage
±15
*
V
Operating Voltage Range
±4.5
±18
*
*
V
Quiescent Current (per amplifier)
IO = 0
±1.5
±1.75
*
±2mA
TEMPERATURE RANGE
Operating Range
–40
+85
0
+70
°C
Storage
–40
+125
*
*
°C
Thermal Resistance,
θ
JA
8-Pin DIP
100
*
°C/W
SO-8 Surface-Mount
150
*
°C/W
14-Pin DIP
80
*
°C/W
SO-14, SOL-16 Surface-Mount
110
*
°C/W
* Specifications same as OPA131PA, OPA131UA.
NOTES: (1) Guaranteed by wafer test. (2) High-speed test at TJ = 25°C.


Similar Part No. - OPA131UJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA131UJ TI-OPA131UJ Datasheet
1Mb / 18P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131UJ TI-OPA131UJ Datasheet
1Mb / 20P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131UJ TI1-OPA131UJ Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131UJ/2K5 TI-OPA131UJ/2K5 Datasheet
1Mb / 18P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131UJ/2K5 TI1-OPA131UJ/2K5 Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA131UJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA131 TI1-OPA131_16 Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA4131NAG4 TI-OPA4131NAG4 Datasheet
1Mb / 20P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131 TI-OPA131 Datasheet
1Mb / 18P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
TL082 DIODES-TL082 Datasheet
228Kb / 11P
   GENERAL PURPOSE JFET INPUT OPERATIONAL AMPLIFIERS
TL082 Rev. 1
logo
STMicroelectronics
TL084 STMICROELECTRONICS-TL084_01 Datasheet
313Kb / 12P
   GENERAL PURPOSE J-FET QUAD OPERATIONAL AMPLIFIERS
TL082 STMICROELECTRONICS-TL082_07 Datasheet
322Kb / 17P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
TL082 STMICROELECTRONICS-TL082 Datasheet
108Kb / 11P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
MC33004 STMICROELECTRONICS-MC33004 Datasheet
596Kb / 10P
   GENERAL PURPOSE QUAD J FET OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com