Electronic Components Datasheet Search |
|
OPA131UJ Datasheet(PDF) 3 Page - Burr-Brown (TI) |
|
|
OPA131UJ Datasheet(HTML) 3 Page - Burr-Brown (TI) |
3 / 7 page 3 OPA131/2131/4131 ® MODEL PACKAGE TEMPERATURE RANGE Single OPA131PJ 8-Pin Plastic DIP 0 to +70 °C OPA131PA 8-Pin Plastic DIP –40 °C to +85°C OPA131P 8-Pin Plastic DIP –40 °C to +85°C OPA131UJ SO-8 Surface-Mount 0 to +70 °C OPA131UA SO-8 Surface-Mount –40 °C to +85°C OPA131U SO-8 Surface-Mount –40 °C to +85°C Dual OPA2131PJ 8-Pin Plastic DIP 0 to +70 °C OPA2131PA 8-Pin Plastic DIP –40 °C to +85°C OPA2131UJ SO-8 Surface-Mount 0 to +70 °C OPA2131UA SO-8 Surface-Mount –40 °C to +85°C Quad OPA4131PJ 14-Pin Plastic DIP 0 to +70 °C OPA4131PA 14-Pin Plastic DIP –40 °C to +85°C OPA4131UA SOL-16 Surface-Mount –40 °C to +85°C OPA4131NJ SO-14 Surface-Mount 0 to +70 °C OPA4131NA SO-14 Surface-Mount –40 °C to +85°C PACKAGE INFORMATION PACKAGE DRAWING MODEL PACKAGE NUMBER(1) Single OPA131PJ 8-Pin Plastic DIP 006 OPA131PA 8-Pin Plastic DIP 006 OPA131P 8-Pin Plastic DIP 006 OPA131UJ SO-8 Surface-Mount 182 OPA131UA SO-8 Surface-Mount 182 OPA131U SO-8 Surface-Mount 182 Dual OPA2131PJ 8-Pin Plastic DIP 006 OPA2131PA 8-Pin Plastic DIP 006 OPA2131UJ SO-8 Surface-Mount 182 OPA2131UA SO-8 Surface-Mount 182 Quad OPA4131PJ 14-Pin Plastic DIP 010 OPA4131PA 14-Pin Plastic DIP 010 OPA4131UA SOL-16 Surface-Mount 211 OPA4131NJ SO-14 Surface-Mount 235 OPA4131NA SO-14 Surface-Mount 235 NOTE: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix D of Burr-Brown IC Data Book. ELECTROSTATIC DISCHARGE SENSITIVITY This integrated circuit can be damaged by ESD. Burr-Brown recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degrada- tion to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ABSOLUTE MAXIMUM RATINGS Supply Voltage, V+ to V– .................................................................... 36V Input Voltage .................................................... (V–) –0.7V to (V+) +0.7V Output Short-Circuit(1) .............................................................. Continuous Operating Temperature ................................................. –40 °C to +125°C Storage Temperature ..................................................... –40 °C to +125°C Junction Temperature ...................................................................... 150 °C Lead Temperature (soldering, 10s) ................................................. 300 °C NOTE: (1) Short-circuit to ground, one amplifier per package. ORDERING INFORMATION |
Similar Part No. - OPA131UJ |
|
Similar Description - OPA131UJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |