Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0811A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0811A
Description  SAW Filter 160 MHz(BW=4.0MHz) DIP 35.0mmx12.8mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0811A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0811A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0811A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0811A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0811A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0811A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0811A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
D. FREQUENCY CHARACTERISTICS :
1.S21 Response: (span : 60MHz)
2. Group-Delay Ripple: (span : 8MHz)


Similar Part No. - TB0811A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0810A TAI-SAW-TB0810A Datasheet
487Kb / 6P
   SAW Filter 140 MHz(BW=14.0MHz) DIP 27.0mmx12.8mm
logo
Golledge Electronics Lt...
TB0810A GOLLEDGE-TB0810A Datasheet
79Kb / 4P
   SAW Filter 140MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0816A TAI-SAW-TB0816A Datasheet
406Kb / 8P
   SAW Filter 133.2MHz (SMD 5.0횞7.0 mm)
More results

Similar Description - TB0811A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0821A TAI-SAW-TB0821A Datasheet
520Kb / 5P
   SAW Filter 140 MHz(BW=0.2MHz) DIP 35.0mmx12.8mm
TB0940A TAI-SAW-TB0940A Datasheet
410Kb / 6P
   SAW Filter 70 MHz(BW=1.3MHz) DIP 35.0mmx12.8mm
TB0941A TAI-SAW-TB0941A Datasheet
412Kb / 6P
   SAW Filter 70 MHz(BW=3.2MHz) DIP 35.0mmx12.8mm
TA2651A TAI-SAW-TA2651A Datasheet
448Kb / 6P
   SAW Filter 319.5 MHz (BW 160 KHz)
TB0397A TAI-SAW-TB0397A Datasheet
276Kb / 5P
   SAW Filter 374MHz (BW=4.0MHz) (SMD 3.8횞3.8 mm)
TB0810A TAI-SAW-TB0810A Datasheet
487Kb / 6P
   SAW Filter 140 MHz(BW=14.0MHz) DIP 27.0mmx12.8mm
TB1044A TAI-SAW-TB1044A Datasheet
425Kb / 6P
   SAW Filter 70 MHz(BW=2.25MHz) DIP 34.7mmx12.7mm
logo
RF Monolithics, Inc
SF1111A RFM-SF1111A Datasheet
210Kb / 7P
   160 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1111A MURATA-SF1111A Datasheet
87Kb / 4P
   160 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB1132A TAI-SAW-TB1132A Datasheet
226Kb / 8P
   47.25 MHz 6.2MHz BW 13.8x4.6mm Plastic DIP SAW IF Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com