Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ130 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SMAJ130
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SMAJ130 Datasheet(HTML) 1 Page - Leshan Radio Company

  SMAJ130 Datasheet HTML 1Page - Leshan Radio Company SMAJ130 Datasheet HTML 2Page - Leshan Radio Company SMAJ130 Datasheet HTML 3Page - Leshan Radio Company SMAJ130 Datasheet HTML 4Page - Leshan Radio Company SMAJ130 Datasheet HTML 5Page - Leshan Radio Company SMAJ130 Datasheet HTML 6Page - Leshan Radio Company SMAJ130 Datasheet HTML 7Page - Leshan Radio Company SMAJ130 Datasheet HTML 8Page - Leshan Radio Company SMAJ130 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
* For surface mounted applications in order to optimize
board space
* Low profile package
* Built-in strain relief
* Glass passivated junction
* Low inductance
* Excellent clamping capability
* Repetition Rate (duty cycle):0.01%
* Fast response time: typically less than 1.0ps
from 0 Volts to V(BR) for unidirectional types
* Typical IR less than 1mA above 10V
* High temperature soldering guaranteed:
260
°C/10 seconds,
MECHANICAL DATA
We declare that the material of product compliance
Case: JEDEC DO-214AC molded plastic
with ROHS requirements
Terminals: Axial leads, solderable per
MIL-STD-202, Method 208
Polarity: Color band denoted cathode except Bipolar
Mounting Position: Any
Weight: 0.0023 ounce, 0.065 gram
1.DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types SMAJ5.0CA thru types SMAJ250CA
Electrical characteristics apply in both directions.marking like Uni; without color band.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
PPPM
PM(AV)
IFSM
TJ,
TSTG
NOTES:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25
°C per Fig. 2.
2. Mounted on Copper Leaf area of 1.57in2(40mm2).
3. 8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
SMAJ*** Series
Watts
Amps
1.0
30
VALUE
Minimum 400
UNITS
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE 5.0 TO 250 Volts
°C
Operating Temperature Range
-55 to +175
°C
400 Watt Peak Pulse Power
Steady State Power Dissipation at TL=75°C(Note 2)
Peak Power Dissipation at TA=25°C, TP=1ms(Note 1)
Watts
RATING
Storage Temperature Range
-55 to +150
Peak Forward Surge Current, 8.3ms Single Half Sine-
Wave Superimposed on Rated Load(JECED Method) (Note 3)


Similar Part No. - SMAJ130

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMAJ130 SOCAY-SMAJ130 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ130 JGD-SMAJ130 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMAJ130 YANGJIE-SMAJ130 Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Socay Electornics Co., ...
SMAJ130 SOCAY-SMAJ130 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
SMAJ130 RFE-SMAJ130 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
More results

Similar Description - SMAJ130

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com