Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3XMS-14 Datasheet(PDF) 1 Page - API Technologies Corp

Part # MC3XMS-14
Description  Double Balanced Mixer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MC3XMS-14 Datasheet(HTML) 1 Page - API Technologies Corp

  MC3XMS-14 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LO (GHz)
4.7-5.8
4.7-5.8
4.7-5.8
4.7-5.8
4.7-5.8
4.7-5.8
Double Balanced Mixer
Communications Band
Model MC3xMS-3
Model MC3xMS-14
RF 5.8 to 6.5 GHz
RF (GHz)
5.8-6.5
5.8-6.5
5.8-6.5
5.8-6.5
IF (MHz)
DC-2000
DC-2000
DC-2000
DC-2000
DC-2000
Min
38 dB
Typical
4.8 dB
45 dB
32 dB
28 dB
+1 dBm
+4 dBm
+8 dBm
+12 dBm
+11 dBm
+14 dBm
+18 dBm
+22 dBm
+7 dBm
+10 dBm
+13 dBm
+18 dBm
Max
6.0 dB
MC33
MC34
MC36
MC37
MC33
MC34
MC36
MC37
MC33
MC34
MC36
MC37
Conditions
Electrical Specifications (1)
:
LO Power
3 = +7 dBm
4 = +10 dBm
6 = +13 dBm
7 = +18 dBm
Parameter
SSB Conversion
loss:(2) (3)
Isolation
LO to RF:
LO to IF:
IF to RF:
Input 1 dB
Compression Point:
Input Third Order
Intercept Point:
LO Power:(4)
MC3xMS-3
MC3xMS-14
Notes:
1. Specifications are guaranteed when tested as a downconverter in a 50 Ohm system at +25˚C with the nominal LO power. Specifications indicated as typical are not guaranteed.
2. Noise figure is typically within ±0.5 dB of conversion loss for IF frequencies greater than 10 MHz.
3. Conversion loss typically degrades less than 0.5 dB at +100˚C and improves less than 0.5 dB at -55˚C.
4. Usable LO drives are up to 2 dB below and 3 dB above nominal.
5. See Application note M112, for aid in selecting the outline and for mounting and installation information.
Typical
Performance
at 25˚C
All dimensions are in inches and [mm].
Outline: MS3C
Outline: MS3D
Model MC3xMS-3
Model MC3xMS-14
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, FL 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, PA 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Specifications
Rev.
6/19/07
Conversion Loss (1.1 GHz IF) – dB
5.8
GHz
6.5
LO VSWR
4
5
6
7
8
9
10
1.0
1.5
2.0
3.0
4.0
4.7
GHz
5.8
IF VSWR
DC
MHz
2000
1.0
1.5
2.0
3.0
4.0
IF to RF Isolation – dB
DC
MHz
2000
10
20
30
40
50
10
20
30
40
50
LO to RF, LO to IF Isolation – dB
4.7
GHz
5.8
LO-IF
LO-RF
RF VSWR
5.8
GHz
6.5
Relative Conversion Loss
vs. IF Freq. – dB
DC
MHz
2000
0
0.5
1.0
1.5
2.0


Similar Part No. - MC3XMS-14

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MC3 OMRON-MC3 Datasheet
1Mb / 12P
   Safety Mat/Safety Mat Controller
logo
Carlo Gavazzi Holding A...
MC3 CARLOGAVAZZI-MC3 Datasheet
54Kb / 2P
   Proximity Magnetic Sensors Rectangular Housing
logo
Allied Components Inter...
MC30 ALLIED-MC30 Datasheet
393Kb / 1P
   Molded Chip Inductors
MC30-100K-RC ALLIED-MC30-100K-RC Datasheet
393Kb / 1P
   Molded Chip Inductors
MC30-100K-RC ALLIED-MC30-100K-RC Datasheet
393Kb / 1P
   Molded Chip Inductors
More results

Similar Description - MC3XMS-14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
M76H MA-COM-M76H Datasheet
1Mb / 3P
   Double-Balanced Mixer
M6E-50 MA-COM-M6E-50_15 Datasheet
651Kb / 3P
   Double-Balanced Mixer
M9BC MA-COM-M9BC_15 Datasheet
698Kb / 2P
   Double-Balanced Mixer
M63HC MA-COM-M63HC_15 Datasheet
1,006Kb / 3P
   Double-Balanced Mixer
M76C MA-COM-M76C_15 Datasheet
1Mb / 3P
   Double-Balanced Mixer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com