Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SODJ36A-SH Datasheet(PDF) 7 Page - Leshan Radio Company

Part # SODJ36A-SH
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SODJ36A-SH Datasheet(HTML) 7 Page - Leshan Radio Company

  SODJ36A-SH Datasheet HTML 1Page - Leshan Radio Company SODJ36A-SH Datasheet HTML 2Page - Leshan Radio Company SODJ36A-SH Datasheet HTML 3Page - Leshan Radio Company SODJ36A-SH Datasheet HTML 4Page - Leshan Radio Company SODJ36A-SH Datasheet HTML 5Page - Leshan Radio Company SODJ36A-SH Datasheet HTML 6Page - Leshan Radio Company SODJ36A-SH Datasheet HTML 7Page - Leshan Radio Company SODJ36A-SH Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
6.High reliability test capabilities
SODJ***(C)A-SH
Solder Resistance
MIL-STD-750D METHOD-2031
Solderability
at 245±5℃ for 5 sec
MIL-STD-202F METHOD-208
High Temperature Reverse Bias
VR=80% rate at Tj=150℃ for 168hrs
MIL-STD-750D METHOD-1038
Forward Operation Life
MIL-STD-750D METHOD-1027
Intermittent Operation Life
MIL-STD-750D METHOD-1036
Pressure Cooker
15PSIG at TA=121℃ for 4hrs
JESD22-A102
Temperature Cycling
MIL-STD-750D METHOD-1051
Thermal Shock
MIL-STD-750D METHOD-1056
Forward Surge
MIL-STD-750D METHOD-4066-2
Humidity
at TA=85℃,RH=85% for 1000hrs
MIL-STD-750D METHOD-1021
High Temperature Storage Life
at 175℃ for 1000hrs
MIL-STD-750D METHOD-1031
-55℃ to +125℃ dwelled for 30 min.
and transferred for 5min. Total 10 cycles
0℃ for 5min. Rise to 100℃ for 5min.
Total 10 cycles
8.3ms single half sine-wave
superimposed on rated load,one surge
Item Test
Condition
Reference
at 260±5℃ for 10±2sec immerse
body into solder 1/16" ± 1/32"
Rated average rectifier current
TA=25℃ for 500hrs
TA=25℃,IF=IO
On state:power on for 5 min.
Off state:power off for 5 min.
on and off for 500 cycles


Similar Part No. - SODJ36A-SH

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SODJ36A SUNMATE-SODJ36A Datasheet
482Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results

Similar Description - SODJ36A-SH

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com