Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SODJ36A-SH Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SODJ36A-SH
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SODJ36A-SH Datasheet(HTML) 1 Page - Leshan Radio Company

  SODJ36A-SH Datasheet HTML 1Page - Leshan Radio Company SODJ36A-SH Datasheet HTML 2Page - Leshan Radio Company SODJ36A-SH Datasheet HTML 3Page - Leshan Radio Company SODJ36A-SH Datasheet HTML 4Page - Leshan Radio Company SODJ36A-SH Datasheet HTML 5Page - Leshan Radio Company SODJ36A-SH Datasheet HTML 6Page - Leshan Radio Company SODJ36A-SH Datasheet HTML 7Page - Leshan Radio Company SODJ36A-SH Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
* For surface mounted applications in order to optimize board space
* Low profile package
* Excellent clamping capability
* IEC61000-4-2 ESD 15kV Air,8kV contact compliance
* Protects one I/O line
* Lead-free parts meet RoHS requirments
* Suffix "-SH" indicates Halogen-free part, ex.SODJ5.0A-SH.
Applications
* Personal digital assistants (PDA)
* Cellular handsets & Accessories
* Portable devices
* Portable instrumentation
* Handhelds and notebooks
We declare that the material of product is
* Digital cameras
Haloggen free (green epoxy compound)
Mechanical data
* Epoxy : UL94-V0 rated flame retardant
* Case : Molded plastic, SOD123-FL/MINI SMA
* Terminals :Tin Plated, solderable per MIL-STD-750,Method 2026
* Polarity : Indicated by cathode band
* Mounting Position : Any
* Weight : Approximated 0.0155 gram
1.Maximum ratings and Electrical Characteristics (AT T =25 AoC unless otherwise noted)
SYMBOL
PPPM
PM(AV)
IFSM
TJ,
TSTG
NOTES:
1. Non-repetitive current pulse, per Fig. 3 and derated above T A=25
°C per Fig. 2.
2. 8.0mm
2 (.013mm thick) land areas
3. 8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
-55 to +175
-55 to +150
°C
°C
Watts
Watts
0.5
Steady State Power Dissipation at TL=75°C(Note 2)
Storage Temperature Range
Peak Forward Surge Current, 8.3ms Single Half Sine-
Wave Superimposed on Rated Load(JECED Method) (Note 3)
20
Amps
SODJ***(C)A-SH
VALUE
Minimum 200
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
200 Watt Peak Pulse Power
Peak Power Dissipation at TA=25°C, TP=1ms(Note 1)
UNITS
PARAMETER
Operating Temperature Range


Similar Part No. - SODJ36A-SH

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SODJ36A SUNMATE-SODJ36A Datasheet
482Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results

Similar Description - SODJ36A-SH

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com