Electronic Components Datasheet Search |
|
OPA2137P Datasheet(PDF) 3 Page - Burr-Brown (TI) |
|
|
OPA2137P Datasheet(HTML) 3 Page - Burr-Brown (TI) |
3 / 8 page 3 ® OPA137, 2137, 4137 ELECTROSTATIC DISCHARGE SENSITIVITY This integrated circuit can be damaged by ESD. Burr-Brown recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degrada- tion to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. Supply Voltage, V+ to V– ..................................................................... 36V Input Voltage ....................................................... (V–) –0.7V to (V+) +0.7V Input Current ....................................................................................... 2mA Output Short-Circuit(2) .............................................................. Continuous Operating Temperature .................................................. –55 °C to +125°C Storage Temperature ...................................................... –55 °C to +125°C Junction Temperature .................................................................... +150 °C Lead Temperature (soldering, 10s) ................................................. 300 °C NOTE: (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum ratings for extended periods may affact device reliability. (2) Short circuit to ground, one amplifier per package. ABSOLUTE MAXIMUM RATINGS(1) PACKAGE SPECIFIED DRAWING TEMPERATURE PACKAGE ORDERING TRANSPORT PRODUCT PACKAGE NUMBER(1) RANGE MARKING NUMBER(2) MEDIA Single OPA137N 5-Lead SOT-23-5 Surface Mount 331 –40 °C to +85°C E37(3) OPA137N/250 Tape and Reel "" " " " OPA137N/3K Tape and Reel OPA137NA 5-Lead SOT-23-5 Surface Mount 331 –40 °C to +85°C E37(3) OPA137NA/250 Tape and Reel "" " " " OPA137NA/3K Tape and Reel OPA137U SO-8 Surface Mount 182 –40 °C to +85°C OPA137U OPA137U Rails "" " " " OPA137U/2K5 Tape and Reel OPA137UA SO-8 Surface Mount 182 –40 °C to +85°C OPA137UA OPA137UA Rails "" " " " OPA137UA/2K5 Tape and Reel OPA137P 8-Pin DIP 006 –40 °C to +85°C OPA137P OPA137P Rails OPA137PA 8-Pin DIP 006 –40 °C to +85°C OPA137PA OPA137PA Rails Dual OPA2137E MSOP-8 Surface Mount 337 –40 °C to +85°C E37(3) OPA2137E/250 Tape and Reel "" " " " OPA2137E/2K5 Tape and Reel OPA2137EA MSOP-8 Surface Mount 337 –40 °C to +85°C E37(3) OPA2137EA/250 Tape and Reel "" " " " OPA2137EA/2K5 Tape and Reel OPA2137U SO-8 Surface Mount 182 –40 °C to +85°C OPA2137U OPA2137U Rails "" " " " OPA2137U/2K5 Tape and Reel OPA2137UA SO-8 Surface Mount 182 –40 °C to +85°C OPA2137UA OPA2137UA Rails "" " " " OPA2137UA/2K5 Tape and Reel OPA2137P 8-Pin DIP 006 –40 °C to +85°C OPA2137P OPA2137P Rails OPA2137PA 8-Pin DIP 006 –40 °C to +85°C OPA2137PA OPA2137PA Rails Quad OPA4137U SO-14 Surface Mount 235 –40 °C to +85°C OPA4137U OPA4137U Rails "" " " " OPA4137U/2K5 Tape and Reel OPA4137UA SO-14 Surface Mount 235 –40 °C to +85°C OPA4137UA OPA4137UA Rails "" " " " OPA4137UA/2K5 Tape and Reel OPA4137P 14-Pin DIP 010 –40 °C to +85°C OPA4137P OPA4137P Rails OPA4137PA 14-Pin DIP 010 –40 °C to +85°C OPA4137PA OPA4137PA Rails NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 3000 pieces of “OPA137NA/3K” will get a single 3000-piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to Appendix B of Burr-Brown IC Data Book. (3) Grade information is marked on the reel. PACKAGE/ORDERING INFORMATION The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN product for use in life support devices and/or systems. |
Similar Part No. - OPA2137P |
|
Similar Description - OPA2137P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |