Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2338UA Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2338UA
Description  MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2338UA Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA2338UA Datasheet HTML 1Page - Burr-Brown (TI) OPA2338UA Datasheet HTML 2Page - Burr-Brown (TI) OPA2338UA Datasheet HTML 3Page - Burr-Brown (TI) OPA2338UA Datasheet HTML 4Page - Burr-Brown (TI) OPA2338UA Datasheet HTML 5Page - Burr-Brown (TI) OPA2338UA Datasheet HTML 6Page - Burr-Brown (TI) OPA2338UA Datasheet HTML 7Page - Burr-Brown (TI) OPA2338UA Datasheet HTML 8Page - Burr-Brown (TI) OPA2338UA Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
®
OPA337, OPA2337
OPA338, OPA2338
SPECIFICATIONS: VS = 2.7V to 5.5V
At TA = +25°C, and RL = 25kΩ connected to VS/2, unless otherwise noted.
Boldface limits apply over the specified temperature range, –40
°C to +85°C, V
S = 5V.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
OPA337NA, EA, UA, PA
OPA2337EA, UA, PA
OPA338NA, UA
OPA2338EA, UA
PARAMETER
CONDITION
MIN
TYP(1)
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
±0.5
±3mV
TA = –40°C to +85°C
±3.5
mV
vs Temperature
dVOS/dT
±2
µV/°C
vs Power Supply Rejection Ratio
PSRR
VS = 2.7V to 5.5V
25
125
µV/V
TA = –40°C to +85°C
VS = 2.7V to 5.5V
125
µV/V
Channel Separation (dual versions)
dc
0.3
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±0.2
±10
pA
TA = –40°C to +85°C
See Typical Curve
Input Offset Current
IOS
±0.2
±10
pA
NOISE
Input Voltage Noise, f = 0.1Hz to 10Hz
6
µVp-p
Input Voltage Noise Density, f = 1kHz
en
26
nV/
√Hz
Current Noise Density, f = 1kHz
in
0.6
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
TA = –40°C to +85°C
–0.2
(V+) – 1.2
V
Common-Mode Rejection Ratio
CMRR
–0.2V < VCM < (V+) – 1.2V
74
90
dB
TA = –40°C to +85°C
–0.2V < VCM < (V+) – 1.2V
74
dB
INPUT IMPEDANCE
Differential
1013 || 2
Ω || pF
Common-Mode
1013 || 4
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
RL = 25kΩ, 125mV < VO < (V+) – 125mV
100
120
dB
TA = –40°C to +85°C
RL = 25kΩ, 125mV < VO < (V+) – 125mV
100
dB
RL = 5kΩ, 500mV < VO < (V+) – 500mV
100
114
dB
TA = –40°C to +85°C
RL = 5kΩ, 500mV < VO < (V+) – 500mV
100
dB
OPA337 FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
VS = 5V, G = 1
3
MHz
Slew Rate
SR
VS = 5V, G = 1
1.2
V/
µs
Settling Time: 0.1%
VS = 5V, 2V Step, CL = 100pF, G = 1
2
µs
0.01%
VS = 5V, 2V Step, CL = 100pF, G = 1
2.5
µs
Overload Recovery Time
VIN • G = VS
2
µs
Total Harmonic Distortion + Noise
THD+N
VS = 5V, VO = 3Vp-p, G = 1, f = 1kHz
0.001
%
OPA338 FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
VS = 5V, G = 5
12.5
MHz
Slew Rate
SR
VS = 5V, G = 5
4.6
V/
µs
Settling Time: 0.1%
VS = 5V, 2V Step, CL = 100pF, G = 5
1.4
µs
0.01%
VS = 5V, 2V Step, CL = 100pF, G = 5
1.9
µs
Overload Recovery Time
VIN • G = VS
0.5
µs
Total Harmonic Distortion + Noise
THD+N
VS = 5V, VO = 3Vp-p, G = 5, f = 1kHz
0.0035
%
OUTPUT
Voltage Output Swing from Rail(2)
RL = 25kΩ, AOL ≥ 100dB
40
125
mV
TA = –40°C to +85°C
RL = 25kΩ, AOL ≥ 100dB
125
mV
RL = 5kΩ, AOL ≥ 100dB
150
500
mV
TA = –40°C to +85°C
RL = 5kΩ, AOL ≥ 100dB
500
mV
Short-Circuit Current
ISC
±9mA
Capacitive Load Drive
CLOAD
See Typical Curve
POWER SUPPLY
Specified Voltage Range
VS
TA = –40°C to +85°C
2.7
5.5
V
Minimum Operating Voltage
2.5
V
Quiescent Current (per amplifier)
IQ
IO = 0
0.525
1
mA
TA = –40°C to +85°C
IO = 0
1.2
mA


Similar Part No. - OPA2338UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2338UA TI1-OPA2338UA Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
OPA2338UA/2K5 TI1-OPA2338UA/2K5 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
OPA2338UA/2K5G4 TI1-OPA2338UA/2K5G4 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
OPA2338UAG4 TI1-OPA2338UAG4 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2338UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2337EA3K TI1-OPA2337EA3K Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com