Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4243EA Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA4243EA
Description  Quad OPERATIONAL AMPLIFIER MicroPOWER, Single-Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4243EA Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA4243EA Datasheet HTML 1Page - Burr-Brown (TI) OPA4243EA Datasheet HTML 2Page - Burr-Brown (TI) OPA4243EA Datasheet HTML 3Page - Burr-Brown (TI) OPA4243EA Datasheet HTML 4Page - Burr-Brown (TI) OPA4243EA Datasheet HTML 5Page - Burr-Brown (TI) OPA4243EA Datasheet HTML 6Page - Burr-Brown (TI) OPA4243EA Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
OPA4243
FEATURES
q MICRO-SIZE, TSSOP PACKAGE
q SINGLE-SUPPLY OPERATION
q WIDE SUPPLY RANGE: 2.2V to 36V
q LOW QUIESCENT CURRENT: 45
µA/chan
q WIDE BANDWIDTH: 430kHz
q WIDE INPUT/OUTPUT SWING
DESCRIPTION
The OPA4243 is a four-channel op amp specifically
designed for high density, space-limited applications,
such as LCD bias drivers, PCMCIA cards, battery-
packs and portable instruments. In addition to small
size, this part features wide output swing, very low
quiescent current, and low bias current. Other features
include unity gain stability and the best speed power
ratio available. Power supplies in the range of 2.2V to
36V (
±1.1V to ±18V) can be used.
Each channel uses completely independent circuitry
for lowest crosstalk and freedom from interaction,
even when overloaded. In addition, the amplifier is
free from output inversion when the inputs are driven
to the rail. The OPA4243EA is supplied in the minia-
ture TSSOP-14 surface mount package. Specifications
apply from –40
°C to +85°C. However, as the exten-
sive typical performance curves indicate, the OPA4243
can be used over the full –55
°C to +125°C range. A
SPICE macromodel is available for design analysis.
Quad OPERATIONAL AMPLIFIER
Micro
POWER, Single-Supply
®
OPA4243
APPLICATIONS
q LCD DISPLAY DRIVERS
q BATTERY POWERED SYSTEMS
q PORTABLE EQUIPMENT
q PCMCIA CARDS
q BATTERY PACKS AND POWER SUPPLIES
q CONSUMER PRODUCTS
© 1999 Burr-Brown Corporation
PDS-1562A
Printed in U.S.A. November, 1999
For most current data sheet and other product
information, visit www.burr-brown.com
®
OPA4243
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Output D
–Input D
+Input D
–V
+Input C
–Input C
Output C
Output A
–Input A
+Input A
+V
+Input B
–Input B
Output B
OPA4243EA
TSSOP-14
®
OPA4243


Similar Part No. - OPA4243EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4243EA/250 TI-OPA4243EA/250 Datasheet
668Kb / 12P
[Old version datasheet]   Quad OPERATIONAL AMPLIFIER MicroPOWER, Single-Supply
OPA4243EA/2K5 TI-OPA4243EA/2K5 Datasheet
668Kb / 12P
[Old version datasheet]   Quad OPERATIONAL AMPLIFIER MicroPOWER, Single-Supply
More results

Similar Description - OPA4243EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4243 TI-OPA4243_13 Datasheet
668Kb / 12P
[Old version datasheet]   Quad OPERATIONAL AMPLIFIER MicroPOWER, Single-Supply
logo
General Electric Compan...
CA3401 GEC-CA3401 Datasheet
342Kb / 4P
   Quad Single-Supply Operational Amplifier
logo
Analog Devices
OP777 AD-OP777 Datasheet
162Kb / 12P
   Precision Micropower Single Supply Operational Amplifier
REV. 0
logo
New Japan Radio
NJM2902 NJRC-NJM2902 Datasheet
255Kb / 7P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM324 NJRC-NJM324 Datasheet
239Kb / 6P
   SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER
NJM3403A NJRC-NJM3403A Datasheet
213Kb / 6P
   SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER?
NJM2902M-TE1 NJRC-NJM2902M-TE1 Datasheet
310Kb / 6P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2902C NJRC-NJM2902C Datasheet
497Kb / 8P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
Ver.09
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
   Micropower Quad Operational Amplifier
LP324 NSC-LP324 Datasheet
364Kb / 11P
   Micropower Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com