Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC345L Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # STC345L
Description  NPN Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STC345L Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  STC345L Datasheet HTML 1Page - KODENSHI_AUK CORP. STC345L Datasheet HTML 2Page - KODENSHI_AUK CORP. STC345L Datasheet HTML 3Page - KODENSHI_AUK CORP. STC345L Datasheet HTML 4Page - KODENSHI_AUK CORP. STC345L Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-T0D005-001
1
STC345L
NPN Silicon Transistor
1: Emitter
2 :Collector
3: Base
PIN Connection
Descriptions
• High voltage application
• Color TV horizontal driver application
• Color TV chroma output application
Features
• Collector-Emitter voltage VCEO=300V
Ordering Information
Type NO.
Marking
Package Code
STC345L
STC345L
TO-92L
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
300
V
Collector-Emitter voltage
VCEO
300
V
Emitter-Base voltage
VEBO
7
V
Collector current
IC
100
mA
Base Current
IB
20
mA
Collector dissipation
PC
1
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
TO -92L


Similar Part No. - STC345L

ManufacturerPart #DatasheetDescription
logo
AUK corp
STC345L AUK-STC345L Datasheet
216Kb / 3P
   NPN Silicon Transistor
More results

Similar Description - STC345L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com