Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC405D Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # STC405D
Description  NPN Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STC405D Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  STC405D Datasheet HTML 1Page - KODENSHI_AUK CORP. STC405D Datasheet HTML 2Page - KODENSHI_AUK CORP. STC405D Datasheet HTML 3Page - KODENSHI_AUK CORP. STC405D Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T6O017-002
1
STC405D
NPN Silicon Transistor
TO-252
PIN Connection
Applications
• Power amplifier application
• High current switching application
Features
• Low saturation switching application
• Voltage regulator application
• High Voltage : VCEO=60V Min.
Ordering Information
Type NO.
Marking
Package Code
STC
405
STC405D
YWW
TO-252
YWW(Y : Year code, WW : Weekly code)
Absolute maximum ratings
Characteristic
Symbol
Rating
Unit
Collector-Base voltage
VCBO
80
V
Collector-Emitter voltage
VCEO
60
V
Emitter-base voltage
VEBO
5
V
IC
5
A(DC)
Collector current
ICP*
10
A(Pulse)
Collector Power dissipation (Tc=25℃)
PC
15
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
* :
Single pulse, tp= 300 ㎲
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector cut-off current
ICBO
VCB=80V, IE=0
-
-
10
μA
Emitter cut-off current
IEBO
VEB=5V, IC=0
-
-
10
μA
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
60
-
-
V
VCE=5V, IC=1A
200
-
400
-
DC current gain
hFE
VCE=5V, IC=3A
80
-
-
Collector-Emitter saturation voltage
VCE(sat)
IC=3A, IB=300mA
-
-
1
V
Base-Emitter saturation voltage
VBE(SAT)
IC=3A, IB=300mA
-
-
1.5
V
Transition frequency
fT
VCB=5V, IC=50mA
-
8
-
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
25
-
pF
* HFE rank : 200~400 Only


Similar Part No. - STC405D

ManufacturerPart #DatasheetDescription
logo
AUK corp
STC405D AUK-STC405D Datasheet
280Kb / 4P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STC405D KODENSHI-STC405D Datasheet
323Kb / 4P
   NPN Silicon Transistor
More results

Similar Description - STC405D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com