Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA512 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA512
Description  Very-High Current.High Power OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA512 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA512 Datasheet HTML 1Page - Burr-Brown (TI) OPA512 Datasheet HTML 2Page - Burr-Brown (TI) OPA512 Datasheet HTML 3Page - Burr-Brown (TI) OPA512 Datasheet HTML 4Page - Burr-Brown (TI) OPA512 Datasheet HTML 5Page - Burr-Brown (TI) OPA512 Datasheet HTML 6Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
®
OPA512
4
10
100
4.6
100
68
46
32
22
15
10
6.8
Frequency, f (kHz)
POWER RESPONSE
|+V
S| + |–VS| = 100V
|+V
S| + |–VS| = 80V
|+V
S| + |–VS| = 30V
20
30
50
70
11k
10
100
10k
100k
1M
10M
–210
0
–30
–60
–90
–120
–150
–180
Frequency, f (Hz)
PHASE RESPONSE
11k
10
100
10k
100k
1M
10M
–20
120
100
80
60
40
20
0
Frequency, f (Hz)
SMALL SIGNAL RESPONSE
–50
25
–25
0
50
75
100
125
0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
CURRENT LIMIT
Case Temperature, T
C (°C)
R
CL = 0.18Ω, RVI = 0
V
O = 24V
V
O = 0
V
O = –24V
V
O = 0
R
CL = 0.06Ω, RVI = ∞
–50
25
–25
0
50
75
100
125
0.4
2.5
2.2
1.9
1.6
1.3
1.0
0.7
BIAS CURRENT
Case Temperature, T
C (°C)
060
20
40
80
100
120
140
0
140
120
100
80
60
40
20
Case Temperature, T
C (°C)
POWER DERATING
SM
BM
TYPICAL PERFORMANCE CURVES
TA = 25°C, VS = ±40VDC, unless otherwise noted.


Similar Part No. - OPA512

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA511 BURR-BROWN-OPA511 Datasheet
65Kb / 6P
   High Current-High Power OPERATIONAL AMPLIFIER
OPA511AM BURR-BROWN-OPA511AM Datasheet
65Kb / 6P
   High Current-High Power OPERATIONAL AMPLIFIER
More results

Similar Description - OPA512

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1225 LINER-LT1225_15 Datasheet
231Kb / 8P
   Very High Speed Operational Amplifier
LT1224 LINER-LT1224_15 Datasheet
217Kb / 8P
   Very High Speed Operational Amplifier
LT1224 LINER-LT1224 Datasheet
233Kb / 8P
   Very High Speed Operational Amplifier
LT1225 LINER-LT1225 Datasheet
246Kb / 8P
   Very High Speed Operational Amplifier
logo
Intersil Corporation
HA-2539 INTERSIL-HA-2539_03 Datasheet
518Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
HA-2539 INTERSIL-HA-2539 Datasheet
613Kb / 8P
   600MHz, Very High Slew Rate Operational Amplifier
September 1998
HA-2840 INTERSIL-HA-2840_98 Datasheet
248Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Renesas Technology Corp
HA-2539 RENESAS-HA-2539 Datasheet
678Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com