Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA541AM Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA541AM
Description  High Power Monolithic OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA541AM Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA541AM Datasheet HTML 1Page - Burr-Brown (TI) OPA541AM Datasheet HTML 2Page - Burr-Brown (TI) OPA541AM Datasheet HTML 3Page - Burr-Brown (TI) OPA541AM Datasheet HTML 4Page - Burr-Brown (TI) OPA541AM Datasheet HTML 5Page - Burr-Brown (TI) OPA541AM Datasheet HTML 6Page - Burr-Brown (TI) OPA541AM Datasheet HTML 7Page - Burr-Brown (TI) OPA541AM Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
®
OPA541
SPECIFICATIONS
ELECTRICAL
At TC= +25°C and VS = ±35VDC, unless otherwise noted.
OPA541AM/AP
OPA541BM/SM
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT OFFSET VOLTAGE
VOS
±2
±10
±0.1
±1mV
vs Temperature
Specified Temperature Range
±20
±40
±15
±30
µV/°C
vs Supply Voltage
VS = ±10V to ±VMAX
±2.5
±10
TT
µV/V
vs Power
±20
±60
TT
µV/W
INPUT BIAS CURRENT
IB
450
TT
pA
INPUT OFFSET CURRENT
IOS
±1
±30
TT
pA
Specified Temperature Range
5
T
nA
INPUT CHARACTERISTICS
Common-Mode Voltage Range
Specified Temperature Range
±(|V
S| – 6)
±(|V
S| – 3)
TT
V
Common-Mode Rejection
VCM = (|±VS| – 6V)
95
113
TT
dB
Input Capacitance
5
T
pF
Input Impedance, DC
1
T
T
GAIN CHARACTERISTICS
Open Loop Gain at 10Hz
RL = 6Ω
90
97
TT
dB
Gain-Bandwidth Product
1.6
T
MHz
OUTPUT
Voltage Swing
IO = 5A, Continuous
±(|V
S| – 5.5)
±(|V
S| – 4.5)
TT
V
IO = 2A
±(|V
S| – 4.5)
±(|V
S| – 3.6)
TT
V
IO = 0.5A
±(|V
S| – 4)
±(|V
S| – 3.2)
TT
V
Current, Peak
9
10
TT
A
AC PERFORMANCE
Slew Rate
610
TT
V/
µs
Power Bandwidth
RL = 8Ω, VO = 20Vrms
45
55
TT
kHz
Settling Time to 0.1%
2V Step
2
T
µs
Capacitive Load
Specified Temperature Range, G = 1
3.3
T
nF
Specified Temperature Range, G >10
SOA(1)
T
Phase Margin
Specified Temperature Range, RL = 8Ω
40
T
Degrees
POWER SUPPLY
Power Supply Voltage,
±V
S
Specified Temperature Range
±10
±30
±35
T
±35
±40
V
Current, Quiescent
20
25
TT
mA
THERMAL RESISTANCE
θ
JC (Junction-to-Case)
(2)
AC Output f > 60Hz
2.5
°C/W
θ
JC
(2)
DC Output
3
°C/W
θ
JA (Junction-to-Ambient)
No Heat Sink
40
°C/W
OPA541AP (Plastic)
40
°C/W
TEMPERATURE RANGE
TCASE
AM, BM, AP
–25
+85
TT
°C
SM
–55
+125
°C
T Specification same as OPA541AM/AP.
NOTE: (1) SOA is the Safe Operating Area shown in Figure 1. (2) Plastic package may require insulator which typically adds 1
°C/W.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - OPA541AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA541AM TI1-OPA541AM Datasheet
459Kb / 22P
[Old version datasheet]   High Power Monolithic Operational Amplifier
OPA541AM-BI TI1-OPA541AM-BI Datasheet
459Kb / 22P
[Old version datasheet]   High Power Monolithic Operational Amplifier
More results

Similar Description - OPA541AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA541 TI1-OPA541 Datasheet
459Kb / 22P
[Old version datasheet]   High Power Monolithic Operational Amplifier
logo
Motorola, Inc
MC1709 MOTOROLA-MC1709 Datasheet
761Kb / 4P
   MONOLITHIC OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM6313 NSC-LM6313 Datasheet
246Kb / 10P
   High Power Operational Amplifier
logo
Cirrus Logic
CPA241 CIRRUS-CPA241 Datasheet
163Kb / 2P
   High Power Operational Amplifier
CPA241 APEX-CPA241 Datasheet
114Kb / 1P
   HIGH POWER OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK115 ANAREN-MSK115 Datasheet
378Kb / 7P
   HIGH POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
   MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
   MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
Analog Devices
AD546 AD-AD546_15 Datasheet
457Kb / 12P
   1A Monolithic Electrometer Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com