Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA541SM Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA541SM
Description  High Power Monolithic OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA541SM Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA541SM Datasheet HTML 1Page - Burr-Brown (TI) OPA541SM Datasheet HTML 2Page - Burr-Brown (TI) OPA541SM Datasheet HTML 3Page - Burr-Brown (TI) OPA541SM Datasheet HTML 4Page - Burr-Brown (TI) OPA541SM Datasheet HTML 5Page - Burr-Brown (TI) OPA541SM Datasheet HTML 6Page - Burr-Brown (TI) OPA541SM Datasheet HTML 7Page - Burr-Brown (TI) OPA541SM Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
®
OPA541
Top View
TO–3
Plastic Package
CONNECTION DIAGRAMS
–In
NC
+In
NC
V
O
Output
Drive
R
CL
–V
S
+V
S
Current
Sense
13579
11
2468
10
Tab at –V
S
Current
Sense
–V
S
+In
–In
+V
S
NC
NC
Output
Drive
R
CL
V
O
1
2
3
8
5
6
4
7
ORDERING INFORMATION
TEMPERATURE
CONTINUOUS
PRODUCT
PACKAGE
RANGE
CURRENT
OPA541AP
Power Plastic
–25
°C to +85°C
5A at 25
°C
OPA541AM
TO-3
–25
°C to +85°C
5A at 25
°C
OPA541BM
TO-3
–25
°C to +85°C
5A at 25
°C
OPA541SM
TO-3
–55
°C to +125°C
5A at 25
°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, +VS to –VS ............................................................... 80V
Output Current ............................................................................. see SOA
Power Dissipation, Internal(1) ........................................................... 125W
Input Voltage: Differential ....................................................................
±V
S
Common-mode .............................................................
±V
S
Temperature: Pin solder, 10s ........................................................ +300
°C
Junction(1) ............................................................... +150
°C
Temperature Range:
AM, BM SM
Storage .................................................................... –65
°C to +150°C
Operating (case) ...................................................... –55
°C to +125°C
AP
Storage ...................................................................... –40
°C to +85°C
Operating (case) ........................................................ –25
°C to +85°C
NOTE: (1) Long term operation at the maximum junction temperature will
result in reduced product life. Derate internal power dissipation to achieve
high MTTF.
PACKAGE INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
OPA541AP
Power Plastic
242
OPA541AM
TO-3
030
OPA541BM
TO-3
030
OPA541SM
TO-3
030
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.


Similar Part No. - OPA541SM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA541SM TI1-OPA541SM Datasheet
459Kb / 22P
[Old version datasheet]   High Power Monolithic Operational Amplifier
OPA541SM-BI TI1-OPA541SM-BI Datasheet
459Kb / 22P
[Old version datasheet]   High Power Monolithic Operational Amplifier
More results

Similar Description - OPA541SM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA541 TI1-OPA541 Datasheet
459Kb / 22P
[Old version datasheet]   High Power Monolithic Operational Amplifier
logo
Motorola, Inc
MC1709 MOTOROLA-MC1709 Datasheet
761Kb / 4P
   MONOLITHIC OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM6313 NSC-LM6313 Datasheet
246Kb / 10P
   High Power Operational Amplifier
logo
Cirrus Logic
CPA241 CIRRUS-CPA241 Datasheet
163Kb / 2P
   High Power Operational Amplifier
CPA241 APEX-CPA241 Datasheet
114Kb / 1P
   HIGH POWER OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK115 ANAREN-MSK115 Datasheet
378Kb / 7P
   HIGH POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
   MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
   MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
Analog Devices
AD546 AD-AD546_15 Datasheet
457Kb / 12P
   1A Monolithic Electrometer Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com