Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA552
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA552 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA552 Datasheet HTML 1Page - Burr-Brown (TI) OPA552 Datasheet HTML 2Page - Burr-Brown (TI) OPA552 Datasheet HTML 3Page - Burr-Brown (TI) OPA552 Datasheet HTML 4Page - Burr-Brown (TI) OPA552 Datasheet HTML 5Page - Burr-Brown (TI) OPA552 Datasheet HTML 6Page - Burr-Brown (TI) OPA552 Datasheet HTML 7Page - Burr-Brown (TI) OPA552 Datasheet HTML 8Page - Burr-Brown (TI) OPA552 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
OPA551, OPA552
®
®
OPA551
OPA552
©1999 Burr-Brown Corporation
PDS-1472A
Printed in U.S.A. July, 1999
High-Voltage, High-Current
OPERATIONAL AMPLIFIERS
DESCRIPTION
The OPA551 and OPA552 are low cost op amps with
high-voltage (60V) and high-current (200mA) capa-
bility.
The OPA551 is unity-gain stable and features high
slew rate (15V
µs) and wide bandwidth (3MHz). The
OPA552 is optimized for gains of 5 or greater, and
offers higher speed with a slew rate of 24V/
µs and a
bandwidth of 12MHz. Both are suitable for telephony,
audio, servo, and test applications.
These laser-trimmed, monolithic integrated circuits
provide excellent low-level accuracy along with high
output swing. High performance is maintained as the
amplifier swings to its specified limits.
The OPA551 and OPA552 are internally protected
against over-temperature conditions and current over-
loads. The thermal shutdown indicator “flag” provides
a current output to alert the user when thermal shut-
down has occurred.
The OPA551 and OPA552 are available in DIP-8 and
SO-8 packages, as well as a DDPAK-7 surface-
mount plastic power package. They are specified for
operation over the extended industrial temperature
range, –40
°C to +125°C.
FEATURES
q WIDE SUPPLY RANGE:
±4V to ±30V
q HIGH OUTPUT CURRENT: 200mA Continuous
q LOW NOISE: 14nV/
√Hz
q FULLY PROTECTED:
Thermal Shutdown
Output Current-Limited
q THERMAL SHUTDOWN INDICATOR
q WIDE OUTPUT SWING: 2V From Rail
q FAST SLEW RATE:
OPA551: 15V/
µs
OPA552: 24V/
µs
q WIDE BANDWIDTH:
OPA551: 3MHz
OPA552: 12MHz
q PACKAGES: DIP-8, SO-8, or DDPAK-7
APPLICATIONS
q TELEPHONY
q TEST EQUIPMENT
q AUDIO AMPLIFIER
q TRANSDUCER EXCITATION
q SERVO DRIVER
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
OPA551
OPA551
OPA551
For most current data sheet and other product
information, visit www.burr-brown.com
1
2
3
4
8
7
6
5
Flag
V+
Out
V–
V–
–In
+In
V–
OPA551, OPA552
SO-8 (U)
1
2
3
4
8
7
6
5
Flag
V+
Out
NC
NC
–In
+In
V–
OPA551, OPA552
DIP-8 (P)
NOTE: Tab is
connected to
V– supply.
NC
V–
V+
Out
+In
–In
123 4 5 6
Flag
7
DDPAK-7 Surface-Mount (F)
OPA551, OPA552


Similar Part No. - OPA552

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA552 TI-OPA552 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA552 TI-OPA552 Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA552 TI1-OPA552 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA552 TI1-OPA552 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA552FA TI-OPA552FA Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA552

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA551 TI1-OPA551 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA552FAKTWTG3 TI-OPA552FAKTWTG3 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551FAKTWT TI-OPA551FAKTWT Datasheet
1,019Kb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
logo
Burr-Brown (TI)
3572AM BURR-BROWN-3572AM Datasheet
489Kb / 6P
   High Current - High Power OPERATIONAL AMPLIFIERS
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
[Old version datasheet]   High Voltage OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com