Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA620 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA620
Description  Wideband Precision OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA620 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA620 Datasheet HTML 1Page - Burr-Brown (TI) OPA620 Datasheet HTML 2Page - Burr-Brown (TI) OPA620 Datasheet HTML 3Page - Burr-Brown (TI) OPA620 Datasheet HTML 4Page - Burr-Brown (TI) OPA620 Datasheet HTML 5Page - Burr-Brown (TI) OPA620 Datasheet HTML 6Page - Burr-Brown (TI) OPA620 Datasheet HTML 7Page - Burr-Brown (TI) OPA620 Datasheet HTML 8Page - Burr-Brown (TI) OPA620 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
®
OPA620
SPECIFICATIONS (CONT)
ELECTRICAL (FULL TEMPERATURE RANGE SPECIFICATIONS)
At VCC = ±5VDC, RL = 100Ω, and TA = TMIN to TMAX, unless otherwise noted.
TEMPERATURE RANGE
Specification: KP, KU
Ambient Temperature
–40
+85
TT
°C
SG
–55
+125
°C
OFFSET VOLTAGE(1)
Average Drift
Full Temp.
±8
T
µV/°C
Supply Rejection
0
°C to +70°C ±V
CC = 4.5V to 5.5V
45
60
TT
dB
Full Temp.,
±V
CC = 4.5 to 5.5V
40
55
TT
dB
BIAS CURRENT
Input Bias Current
Full Temp., VCM = 0VDC
15
40
TT
µA
OFFSET CURRENT
Input Offset Current
Full Temp., VCM = 0VDC
0.2
5
TT
µA
INPUT VOLTAGE RANGE
Common-Mode Input Range
±2.5
±3.0
TT
V
Common-Mode Rejection
VIN = ±2.5VDC, VO = 0VDC
60
75
TT
dB
OPEN LOOP GAIN, DC
Open-Loop Voltage Gain
RL = 100Ω
46
60
TT
dB
RL = 50Ω
44
58
TT
dB
RATED OUTPUT
Voltage Output
0
°C to +70°C, R
L = 100Ω±3.0
±3.5
TT
V
–40
°C to +85°C, R
L = 100Ω±2.75
±3.25
TT
V
0
°C to +70°C, R
L = 50Ω±2.5
±3.0
TT
V
–40
°C to +85°C, R
L = 50Ω±2.25
±2.7
TT
V
POWER SUPPLY
Current, Quiescent
IO = 0mA
21
25
TT
mA
OPA620KP, KU
OPA620SG
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
T Same specifications as for KP, KU.
NOTES: (1) Offset Voltage specifications are also guaranteed with units fully warmed up. (2) Parameter is guaranteed by characterization. (3) dBc = dB referred
to carrier-input signal.
PIN CONFIGURATION
Top View
DIP/SO-8
1
2
3
4
8
7
6
5
No Internal Connection
Positive Supply (+V
)
Output
No Internal Connection
No Internal Connection
Inverting Input
Non-Inverting Input
Negative Supply (–V
)
CC
CC
OPA620
Basic Model Number
Performance Grade Code
K = –40
°C to +85°C
S = –55
°C to +125°C
Package Code
G = 8-pin Ceramic DIP
P = 8-pin Plastic DIP
U = SO-8 Surface Mount
ORDERING INFORMATION
()
()
ABSOLUTE MAXIMUM RATINGS
Supply .............................................................................................
±7VDC
Internal Power Dissipation(1) ....................... See Applications Information
Differential Input Voltage ............................................................ Total VCC
Input Voltage Range .................................... See Applications Information
Storage Temperature Range: SG ................................. –65
°C to +150°C
KP, KU .......................... –40
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
(soldering, SO-8, 3s) ...................................... +260
°C
Output Short Circuit to Ground (+25
°C) ............... Continuous to Ground
Junction Temperature (TJ ) ............................................................ +175°C
NOTE: (1) Packages must be derated based on specified
θ
JA. Maximum TJ
must be observed.
PACKAGE INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
OPA620KP
8-Pin Plastic DIP
006
OPA620KU
SO-8 Surface Mount
182
OPA620SG
8-Pin Ceramic DIP
157
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes
could cause the device not to meet its published specifications.


Similar Part No. - OPA620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA620 TI1-OPA620 Datasheet
231Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA620KG TI1-OPA620KG Datasheet
231Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA620KP TI1-OPA620KP Datasheet
231Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA620KU TI1-OPA620KU Datasheet
231Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA620KU/2K5 TI1-OPA620KU/2K5 Datasheet
231Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA620

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA621 BURR-BROWN-OPA621 Datasheet
193Kb / 16P
   Wideband Precision OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5221883 INTERSIL-HA-5221883 Datasheet
306Kb / 10P
   Low Noise, Wideband, Precision Operational Amplifier
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
logo
Texas Instruments
THS4304 TI-THS4304 Datasheet
869Kb / 26P
[Old version datasheet]   Wideband Operational Amplifier
THS4304 TI1-THS4304_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband Operational Amplifier
THS4304 TI1-THS4304_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wideband Operational Amplifier
logo
List of Unclassifed Man...
TDB2022 ETC1-TDB2022 Datasheet
349Kb / 8P
   WIDEBAND SINGLE OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com