Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA602CM Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA602CM
Description  High-Speed Precision Difet OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA602CM Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA602CM Datasheet HTML 1Page - Burr-Brown (TI) OPA602CM Datasheet HTML 2Page - Burr-Brown (TI) OPA602CM Datasheet HTML 3Page - Burr-Brown (TI) OPA602CM Datasheet HTML 4Page - Burr-Brown (TI) OPA602CM Datasheet HTML 5Page - Burr-Brown (TI) OPA602CM Datasheet HTML 6Page - Burr-Brown (TI) OPA602CM Datasheet HTML 7Page - Burr-Brown (TI) OPA602CM Datasheet HTML 8Page - Burr-Brown (TI) OPA602CM Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
®
OPA602
5
MAXIMUM OUTPUT VOLTAGE SWING
vs FREQUENCY
30
10k
100k
1M
10M
Frequency (Hz)
20
10
0
R
L = 1kΩ
OPEN-LOOP GAIN vs TEMPERATURE
120
–75
Ambient Temperature (°C)
110
100
90
80
–50
–25
0
25
50
75
100
125
GAIN BANDWIDTH AND SLEW RATE
vs SUPPLY VOLTAGE
8
0
Supply Voltage (±V
CC)
5
5
101520
38
32
7
6
36
34
A
V = –1
GBW
Slew Rate
GAIN BANDWIDTH AND SLEW RATE
vs TEMPERATURE
10
–75
Ambient Temperature (°C)
8
6
4
2
–50
–25
0
25
50
75
100
125
37
35
33
31
29
GBW
Slew Rate
OPEN-LOOP FREQUENCY RESPONSE
140
1
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
120
100
80
60
40
20
0
–45
–90
–135
–180
R = 1k
C = 100pF
L
L
A
OL
φ
COMMON-MODE REJECTION
vs INPUT COMMON-MODE VOLTAGE
120
–15
–10
–5
0
+5
+10
+15
Common-Mode Voltage (V)
110
100
90
80
70
TYPICAL PERFORMANCE CURVES (CONT)
TA = +25°C, VS = ±15VDC unless otherwise noted.


Similar Part No. - OPA602CM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA602CM TI-OPA602CM Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
More results

Similar Description - OPA602CM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
OPA627 TI-OPA627_07 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
logo
Texas Instruments
OPA627AU TI-OPA627AU Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com