Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA627BM Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA627BM
Description  Precision High-Speed Difet OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA627BM Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA627BM Datasheet HTML 4Page - Burr-Brown (TI) OPA627BM Datasheet HTML 5Page - Burr-Brown (TI) OPA627BM Datasheet HTML 6Page - Burr-Brown (TI) OPA627BM Datasheet HTML 7Page - Burr-Brown (TI) OPA627BM Datasheet HTML 8Page - Burr-Brown (TI) OPA627BM Datasheet HTML 9Page - Burr-Brown (TI) OPA627BM Datasheet HTML 10Page - Burr-Brown (TI) OPA627BM Datasheet HTML 11Page - Burr-Brown (TI) OPA627BM Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
®
OPA627, 637
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, and VS = ±15V, unless otherwise noted.
FIGURE 1. Circuits with Noise Gain Less than Five Require
the OPA627 for Proper Stability.
SETTLING TIME vs ERROR BAND
1500
1000
500
0
0.001
0.01
0.1
1
10
Error Band (%)
OPA637
G = –4
OPA627
G = –1
+
C
F
R
I
R
F
2k
+5V
–5V
OPA627
OPA637
R
I 2kΩ
500
R
F 2kΩ
2k
C
F 6pF
4pF
SETTLING TIME vs LOAD CAPACITANCE
0
150
200
300
400
500
Load Capacitance (pF)
3
2
1
0
Error Band:
±0.01%
OPA637
G = –4
OPA627
G = –1
APPLICATIONS INFORMATION
The OPA627 is unity-gain stable. The OPA637 may be used
to achieve higher speed and bandwidth in circuits with noise
gain greater than five. Noise gain refers to the closed-loop
gain of a circuit as if the non-inverting op amp input were
being driven. For example, the OPA637 may be used in a
non-inverting amplifier with gain greater than five, or an
inverting amplifier of gain greater than four.
When choosing between the OPA627 or OPA637, it is
important to consider the high frequency noise gain of your
circuit configuration. Circuits with a feedback capacitor
(Figure 1) place the op amp in unity noise-gain at high
frequency. These applications must use the OPA627 for
proper stability. An exception is the circuit in Figure 2,
where a small feedback capacitance is used to compensate
for the input capacitance at the op amp’s inverting input. In
this case, the closed-loop noise gain remains constant with
frequency, so if the closed-loop gain is equal to five or
greater, the OPA637 may be used.
+
+
+
+
+
+
Buffer
Bandwidth
Limiting
Integrator
Filter
R
I
R
F < 4R
Inverting Amp
G < |–4|
R
I
R
F < 4RI
Non-Inverting Amp
G < 5
OPA627
OPA627
OPA627
OPA627
OPA627
OPA627


Similar Part No. - OPA627BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA627BM TI-OPA627BM Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
OPA627BM TI1-OPA627BM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA627BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
OPA627 TI-OPA627_07 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
OPA627AU TI-OPA627AU Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512 Datasheet
54Kb / 7P
   HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com