Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB1090A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1090A
Description  SAW Filter 153.6MHz 80MHz BW (SMD 7횞5 mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1090A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1090A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1090A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1090A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1090A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1090A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1090A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB1090A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
(3) Wide band Response
Fig3. Horizontal: 39MHz/Div
Vertical: 10dB/Div
(4) Smith Chart


Similar Part No. - TB1090A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB1090A GOLLEDGE-TB1090A Datasheet
73Kb / 6P
   SAW Filter 153.60MHz
More results

Similar Description - TB1090A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1047A TAI-SAW-TB1047A Datasheet
285Kb / 7P
   SAW Filter 150MHz 80MHz BW (SMD 7횞5 mm)
TB1200A TAI-SAW-TB1200A Datasheet
215Kb / 7P
   SAW Filter 161.8625MHz 0.3MHz BW (SMD 7횞5 mm)
TB1298A TAI-SAW-TB1298A Datasheet
349Kb / 7P
   SAW Filter 110.592MHz 300kHz BW (SMD 7횞5 mm)
TB1162A TAI-SAW-TB1162A Datasheet
120Kb / 8P
   SAW Filter 238.6MHz 92kHz BW (SMD 7횞5 mm)
TB1075A TAI-SAW-TB1075A Datasheet
295Kb / 7P
   SAW Filter 153.6MHz 1.23MHz BW (SMD 7.0횞5.0 mm)
TB1103A TAI-SAW-TB1103A Datasheet
101Kb / 7P
   SAW Filter 137.5MHz 0.8MHz BW (SMD 7횞5 mm)
TB1054A TAI-SAW-TB1054A Datasheet
294Kb / 7P
   SAW Filter 153.6MHz 1.23MHz BW (SMD 7.0횞5.0 mm)
TB0647A TAI-SAW-TB0647A Datasheet
269Kb / 6P
   SAW Filter 159MHz 90 MHz BW (SMD 7횞5 mm)
TB0781A TAI-SAW-TB0781A Datasheet
398Kb / 7P
   IF SAW Filter 153.6MHz(BW=5MHz) SMD 5X7mm
TB0391A TAI-SAW-TB0391A Datasheet
576Kb / 6P
   SAW Filter 240MHz (SMD 7횞5 mm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com