Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB1095A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1095A
Description  SAW Filter 528.3MHz 20MHz BW (SMD 5.0횞5.0 mm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1095A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1095A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1095A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1095A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1095A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1095A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1095A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB1095A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TB1095A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
D. Matching Circuit:
C1=5.6pF C2=9pF C3=5.6pF C4=9pF
E. Outline Drawing:
#3 –Input
#2 –Input ground
#7 – Output
#6 – Output ground
#1,4,5,8 – Ground
□ : Week Code
Unit
: mm
△ : Product / Year Code
Year
2005
2009
2006
2010
2007
2011
2008
2012
Product Code
B
b
B
b


Similar Part No. - TB1095A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB1095A GOLLEDGE-TB1095A Datasheet
133Kb / 6P
   SAW Filter 528.30MHz
More results

Similar Description - TB1095A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1094A TAI-SAW-TB1094A Datasheet
155Kb / 8P
   SAW Filter 237.3MHz 20MHz BW (SMD 5.0횞5.0 mm)
TB1165A TAI-SAW-TB1165A Datasheet
152Kb / 7P
   SAW Filter 343.4MHz 20MHz BW (SMD 5.0횞5.0 mm)
TB0206B TAI-SAW-TB0206B Datasheet
220Kb / 7P
   SAW Filter 465MHz 20MHz BW (SMD 5.0횞5.0 mm)
TB1311A TAI-SAW-TB1311A Datasheet
370Kb / 7P
   SAW Filter 230MHz 20MHz BW (SMD 5.0횞5.0 mm)
TB0903A TAI-SAW-TB0903A Datasheet
349Kb / 7P
   SAW Filter 751.5MHz 65MHz BW (SMD 5.0횞5.0 mm)
TB1115A TAI-SAW-TB1115A Datasheet
136Kb / 7P
   SAW Filter 745MHz 66MHz BW (SMD 5.0횞5.0 mm)
TB0969A TAI-SAW-TB0969A Datasheet
362Kb / 7P
   SAW Filter 279.7MHz 55MHz BW (SMD 5.0횞5.0 mm)
TB1007A TAI-SAW-TB1007A Datasheet
348Kb / 7P
   SAW Filter 851.24MHz 66MHz BW (SMD 5.0횞5.0 mm)
TB1029A TAI-SAW-TB1029A Datasheet
352Kb / 7P
   SAW Filter 745MHz 66MHz BW (SMD 5.0횞5.0 mm)
TB1030A TAI-SAW-TB1030A Datasheet
333Kb / 6P
   SAW Filter 974.3MHz 76MHz BW (SMD 5.0횞5.0 mm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com