Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB1118A Datasheet(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1118A
Description  SAW Filter 810MHz 0.3MHz BW (SMD 3.8횞3.8 mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1118A Datasheet(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1118A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1118A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1118A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1118A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1118A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1118A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB1118A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Time (Sec)
H. RECOMMENDED REFLOW PROFILE :


Similar Part No. - TB1118A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB1118A GOLLEDGE-TB1118A Datasheet
71Kb / 6P
   SAW Filter 810.0MHz
More results

Similar Description - TB1118A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1200A TAI-SAW-TB1200A Datasheet
215Kb / 7P
   SAW Filter 161.8625MHz 0.3MHz BW (SMD 7횞5 mm)
TB0210A TAI-SAW-TB0210A Datasheet
232Kb / 7P
   SAW Filter 374MHz 17MHz BW (SMD 3.8횞3.8 mm)
TA2681A TAI-SAW-TA2681A Datasheet
392Kb / 6P
   SAW Filter 622MHz SMD 3.8횞3.8 mm (BW=32MHz)
TB0995A TAI-SAW-TB0995A Datasheet
317Kb / 6P
   SAW Filter 184.32MHz 5MHz BW (SMD 3.8횞3.8 mm)
TA2418A TAI-SAW-TA2418A Datasheet
661Kb / 7P
   SAW Filter 482MHz SMD 3.8횞3.8 mm (BW=24MHz)
TB0397A TAI-SAW-TB0397A Datasheet
276Kb / 5P
   SAW Filter 374MHz (BW=4.0MHz) (SMD 3.8횞3.8 mm)
TB0910A TAI-SAW-TB0910A Datasheet
317Kb / 6P
   SAW Filter 400MHz 40MHz BW (SMD 3.8횞3.8 mm)
TA2682A TAI-SAW-TA2682A Datasheet
395Kb / 6P
   SAW Filter 654MHz SMD 3.8횞3.8 mm (BW=32MHz)
TB1361A TAI-SAW-TB1361A Datasheet
438Kb / 7P
   SAW Filter 612MHz SMD 3.8횞3.8 mm (BW=150KHz)
TA2676A TAI-SAW-TA2676A Datasheet
636Kb / 6P
   SAW Filter 482MHz SMD 3.8횞3.8 mm (BW=24MHz)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com