Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4227PAG4 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA4227PAG4
Description  High Precision, Low Noise OPERATIONAL AMPLIFIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4227PAG4 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA4227PAG4 Datasheet HTML 1Page - Burr-Brown (TI) OPA4227PAG4 Datasheet HTML 2Page - Burr-Brown (TI) OPA4227PAG4 Datasheet HTML 3Page - Burr-Brown (TI) OPA4227PAG4 Datasheet HTML 4Page - Burr-Brown (TI) OPA4227PAG4 Datasheet HTML 5Page - Burr-Brown (TI) OPA4227PAG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA4227PAG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA4227PAG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA4227PAG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
OPA227, 2227, 4227
OPA228, 2228, 4228
3
SBOS110A
www.ti.com
OPA228PA, UA
OPA228P, U
OPA2228PA, UA
OPA2228P, U
OPA4228PA, UA
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
±5
±75
±10
±200
µV
OTA = –40°C to +85°Cver Temperature
±100
±200
µV
vs Temperature
dVOS/dT
±0.1
±0.6
±0.3
±2
µV/°C
vs Power Supply
PSRR
VS = ±2.5V to ±18V
±0.5
±2
✻✻
µV/V
TA = –40°C to +85°C
±2
µV/V
vs Time
0.2
µV/mo
Channel Separation (dual, quad)
dc
0.2
µV/V
f = 1kHz, RL = 5kΩ
110
dB
INPUT BIAS CURRENT
Input Bias Current
IB
±2.5
±10
✻✻
nA
TA = –40°C to +85°C
±10
nA
Input Offset Current
IOS
±2.5
±10
✻✻
nA
TA = –40°C to +85°C
±10
nA
NOISE
Input Voltage Noise, f = 0.1Hz to 10Hz
90
nVp-p
15
nVrms
Input Voltage Noise Density, f = 10Hz
en
3.5
nV/
√Hz
f = 100Hz
3
nV/
√Hz
f = 1kHz
3
nV/
√Hz
Current Noise Density, f = 1kHz
in
0.4
pA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–)+2
(V+)–2
✻✻
V
Common-Mode Rejection
CMRR
VCM = (V–)+2V to (V+)–2V
120
138
✻✻
dB
TA = –40°C to +85°C
120
dB
INPUT IMPEDANCE
Differential
107 || 12
Ω || pF
Common-Mode
VCM = (V–)+2V to (V+)–2V
109 || 3
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
VO = (V–)+2V to (V+)–2V, RL = 10kΩ
132
160
✻✻
dB
TA = –40°C to +85°C
132
dB
VO = (V–)+3.5V to (V+)–3.5V, RL = 600Ω
132
160
✻✻
dB
TA = –40°C to +85°C
132
dB
FREQUENCY RESPONSE
Minimum Closed-Loop Gain
5
V/V
Gain Bandwidth Product
GBW
33
MHz
Slew Rate
SR
11
V/
µs
Settling Time: 0.1%
G = 5, 10V Step, CL = 100pF, CF =12pF
1.5
µs
0.01%
G = 5, 10V Step, CL = 100pF, CF =12pF
2
µs
Overload Recovery Time
VIN • G = VS
0.6
µs
Total Harmonic Distortion + Noise THD+N
f = 1kHz, G = 5, VO = 3.5Vrms
0.00005
%
OUTPUT
Voltage Output
RL = 10kΩ
(V–)+2
(V+)–2
✻✻
V
TA = –40°C to +85°C
RL = 10kΩ
(V–)+2
(V+)–2
✻✻
V
RL = 600Ω
(V–)+3.5
(V+)–3.5
✻✻
V
TA = –40°C to +85°C
RL = 600Ω
(V–)+3.5
(V+)–3.5
✻✻
V
Short-Circuit Current
ISC
±45
mA
Capacitive Load Drive
CLOAD
See Typical Curve
POWER SUPPLY
Specified Voltage Range
VS
±5
±15
✻✻
V
Operating Voltage Range
±2.5
±18
✻✻
V
Quiescent Current (per amplifier)
IQ
IO = 0
±3.7
±3.8
✻✻
mA
TA = –40°C to +85°C
IO = 0
±4.2
mA
TEMPERATURE RANGE
Specified Range
–40
+85
✻✻
°C
Operating Range
–55
+125
✻✻
°C
Storage Range
–65
+150
✻✻
°C
Thermal Resistance
θ
JA
SO-8 Surface Mount
150
°C/W
DIP-8
100
°C/W
DIP-14
80
°C/W
SO-14 Surface Mount
100
°C/W
✻ Specifications same as OPA228P, U.
SPECIFICATIONS: VS = ±5V to ±15V
OPA228 Series
At TA = +25°C, and RL = 10kΩ, unless otherwise noted.
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.


Similar Part No. - OPA4227PAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4227PAG4 TI1-OPA4227PAG4 Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
More results

Similar Description - OPA4227PAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA227 TI-OPA227_07 Datasheet
838Kb / 27P
[Old version datasheet]   High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA227 TI1-OPA227 Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27GU TI-OP27GU Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com