Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA632N Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA632N
Description  Low Power, Single-Supply OPERATIONAL AMPLIFIERS TM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA632N Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA632N Datasheet HTML 6Page - Burr-Brown (TI) OPA632N Datasheet HTML 7Page - Burr-Brown (TI) OPA632N Datasheet HTML 8Page - Burr-Brown (TI) OPA632N Datasheet HTML 9Page - Burr-Brown (TI) OPA632N Datasheet HTML 10Page - Burr-Brown (TI) OPA632N Datasheet HTML 11Page - Burr-Brown (TI) OPA632N Datasheet HTML 12Page - Burr-Brown (TI) OPA632N Datasheet HTML 13Page - Burr-Brown (TI) OPA632N Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
®
OPA631, OPA632
TYPICAL PERFORMANCE CURVES: VS = +3V (Cont.)
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to VS/2, unless otherwise noted (see Figure 2).
1000
100
10
1
R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
1000
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
OUTPUT SWING vs LOAD RESISTANCE
R
L (Ω)
50
100
1000
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
Maximum V
O
Minimum V
O
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (MHz)
1
10
100
300
V
O = 0.2Vp-p
R
S
OPA63x
V
O
1k
C
L
+V
S/2
C
L = 1000pF
C
L = 10pF
C
L = 100pF
10
9
8
7
6
5
4
3
2
1
0
SUPPLY AND OUTPUT CURRENTS
vs SUPPLY VOLTAGE
Supply Voltage (V)
34
5
6
7
8
9
10
200
180
160
140
120
100
80
60
40
20
0
Quiescent Supply Current
Output Current, Sourcing
Output Current, Sinking
120
100
80
60
40
20
0
SLEW RATE AND GAIN BANDWIDTH PRODUCT
vs SUPPLY VOLTAGE
Supply Voltage (V)
34
5
6
7
8
9
10
120
100
80
60
40
20
0
Slew Rate
Gain Bandwidth Product


Similar Part No. - OPA632N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA632N TI1-OPA632N Datasheet
298Kb / 18P
[Old version datasheet]   OPERATIONAL AMPLIFIERS
OPA632N/250 TI1-OPA632N/250 Datasheet
298Kb / 18P
[Old version datasheet]   OPERATIONAL AMPLIFIERS
OPA632N/3K TI1-OPA632N/3K Datasheet
298Kb / 18P
[Old version datasheet]   OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA632N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
2Mb / 18P
   Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4234PA TI-OPA4234PA Datasheet
1Mb / 22P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA2234M TI1-OPA2234M Datasheet
964Kb / 19P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2234M TI-OPA2234M_15 Datasheet
928Kb / 20P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com