Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA632 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA632
Description  Low Power, Single-Supply OPERATIONAL AMPLIFIERS TM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA632 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA632 Datasheet HTML 1Page - Burr-Brown (TI) OPA632 Datasheet HTML 2Page - Burr-Brown (TI) OPA632 Datasheet HTML 3Page - Burr-Brown (TI) OPA632 Datasheet HTML 4Page - Burr-Brown (TI) OPA632 Datasheet HTML 5Page - Burr-Brown (TI) OPA632 Datasheet HTML 6Page - Burr-Brown (TI) OPA632 Datasheet HTML 7Page - Burr-Brown (TI) OPA632 Datasheet HTML 8Page - Burr-Brown (TI) OPA632 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
®
OPA631, OPA632
1
2
3
4
8
7
6
5
NC
Inverting Input
Non-Inverting Input
GND
DIS (OPA632 only)
+V
S
Output
NC
PIN CONFIGURATIONS
Top View—OPA631, OPA632
SO-8
ABSOLUTE MAXIMUM RATINGS
Power Supply ................................................................................ +11VDC
Internal Power Dissipation .................................... See Thermal Analysis
Differential Input Voltage ..................................................................
±1.2V
Input Voltage Range .................................................... –0.5 to +VS + 0.3V
Storage Temperature Range: P, U, N ........................... –40
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
Junction Temperature (TJ ) ........................................................... +175°C
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from perfor-
mance degradation to complete device failure. Burr-Brown Corpo-
ration recommends that all integrated circuits be handled and stored
using appropriate ESD protection methods.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes
could cause the device not to meet published specifications.
1
2
3
6
5
4
Output
GND
Non-Inverting Input
+V
S
DIS
Inverting Input
A32
Pin Orientation/Package Marking
Top View—OPA632
SOT23-6
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER(1)
RANGE
MARKING
NUMBER(2)
MEDIA
OPA631U
SO-8 Surface-Mount
182
–40
°C to +85°C
OPA631U
OPA631U
Rails
""
"
"
"
OPA631U/2K5
Tape and Reel
OPA631N
5-Lead SOT23-5
331
–40
°C to +85°C
A31
OPA631N/250
Tape and Reel
""
"
"
"
OPA631N/3K
Tape and Reel
OPA632U
SO-8 Surface-Mount
182
–40
°C to +85°C
OPA632U
OPA632U
Rails
""
"
"
"
OPA632U/2K5
Tape and Reel
OPA632N
6-Lead SOT23-6
332
–40
°C to +85°C
A32
OPA632N/250
Tape and Reel
""
"
"
"
OPA632N/3K
Tape and Reel
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) Models with a slash (/ ) are
available only in Tape and Reel in the quantities indicated (e.g., /3K indicates 3000 devices per reel). Ordering 3000 pieces of “OPA632N/3K” will get a single 3000-
piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to Appendix B of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION
1
2
3
6
4
Output
GND
Non-Inverting Input
+V
S
Inverting Input
A31
Pin Orientation/Package Marking
Top View—OPA631
SOT23-5


Similar Part No. - OPA632

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA632 TI1-OPA632 Datasheet
284Kb / 18P
[Old version datasheet]   Dual, Low-Power, Single-Supply OPERATIONAL AMPLIFIER
OPA632 TI1-OPA632 Datasheet
278Kb / 17P
[Old version datasheet]   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
OPA632 TI1-OPA632 Datasheet
298Kb / 18P
[Old version datasheet]   OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
OPA6323URO KODENSHI-OPA6323URO Datasheet
96Kb / 1P
   Ultra Red LED Chip
logo
Texas Instruments
OPA632N TI1-OPA632N Datasheet
298Kb / 18P
[Old version datasheet]   OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA632

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
2Mb / 18P
   Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4234PA TI-OPA4234PA Datasheet
1Mb / 22P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA2234M TI1-OPA2234M Datasheet
964Kb / 19P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2234M TI-OPA2234M_15 Datasheet
928Kb / 20P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com