Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA640U Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA640U
Description  Wideband Voltage Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA640U Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA640U Datasheet HTML 4Page - Burr-Brown (TI) OPA640U Datasheet HTML 5Page - Burr-Brown (TI) OPA640U Datasheet HTML 6Page - Burr-Brown (TI) OPA640U Datasheet HTML 7Page - Burr-Brown (TI) OPA640U Datasheet HTML 8Page - Burr-Brown (TI) OPA640U Datasheet HTML 9Page - Burr-Brown (TI) OPA640U Datasheet HTML 10Page - Burr-Brown (TI) OPA640U Datasheet HTML 11Page - Burr-Brown (TI) OPA640U Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
OPA640
®
Points to Remember
1) Making use of all four power supply pins will lower the
effective power supply impedance seen by the input and
output stages. This will improve the AC performance in-
cluding lower distortion. The lowest distortion is achieved
when running separate traces to V
S1 and VS2. Power supply
bypassing with 0.01
µF and 2.2µF surface mount capacitors
on the topside of the PC board is recommended. It is
essential to keep the 0.01
µF capacitor very close to the
power supply pins. Refer to the DEM-OPA64X data sheet
for the recommended layout and component placements.
2) Whenever possible, use surface mount. Don’t use point-
to-point wiring as the increase in wiring inductance will be
detrimental to AC performance. However, if it must be used,
very short, direct signal paths are required. The input signal
ground return, the load ground return, and the power supply
common should all be connected to the same physical point
to eliminate ground loops, which can cause unwanted feed-
back.
3) Surface mount on backside of PC Board. Good compo-
nent selection is essential. Capacitors used in critical loca-
tions should be a low inductance type with a high quality
dielectric material. Likewise, diodes used in critical loca-
tions should be Schottky barrier types, such as HP5082-
2835 for fast recovery and minimum charge storage. Ordi-
nary diodes will not be suitable in RF circuits.
4) Whenever possible, solder the OPA640 directly into the
PC board without using a socket. Sockets add parasitic
capacitance and inductance, which can seriously degrade
AC performance or produce oscillations.
5) Use a small feedback resistor (usually 25
Ω) in unity-gain
voltage follower applications for the best performance. For
gain configurations, resistors used in feedback networks
should have values of a few hundred ohms for best perfor-
mance. Shunt capacitance problems limit the acceptable
resistance range to about 1k
Ω on the high end and to a value
that is within the amplifier’s output drive limits on the low
end. Metal film and carbon resistors will be satisfactory, but
wirewound resistors (even “non-inductive” types) are abso-
lutely unacceptable in high-frequency circuits. Feedback
resistors should be placed directly between the output and
the inverting input on the backside of the PC board. This
placement allows for the shortest feedback path and the
highest bandwidth. Refer to the demonstration board layout
at the end of the data sheet. A longer feedback path than
this will decrease the realized bandwidth substantially.
6) Due to the extremely high bandwidth of the OPA640, the
SO-8 package is strongly recommended due its low parasitic
impedance. The parasitic impedance in the DIP and package
causes the OPA640 to experience about 5dB of gain peaking
in unity-gain configurations. This is compared with virtually
no gain peaking in the SO-8 package in unity-gain. The gain
peaking in the DIP package is minimized in gains of 2 or
greater, however. Surface mount components (chip resistors,
capacitors, etc.) have low lead inductance and are also
strongly recommended.
7) Avoid overloading the output. Remember that output
current must be provided by the amplifier to drive its own
feedback network as well as to drive its load. Lowest
distortion is achieved with high impedance loads.
8) Don’t forget that these amplifiers use
±5V supplies.
Although they will operate perfectly well with +5V and
–5.2V, use of
±15V supplies will destroy the part.
9) Standard commercial test equipment has not been de-
signed to test devices in the OPA640’s speed range. Bench-
top op amp testers and ATE systems will require a special
test head to successfully test these amplifiers.
10) Terminate transmission line loads. Unterminated lines,
such as coaxial cable, can appear to the amplifier to be a
capacitive or inductive load. By terminating a transmission
line with its characteristic impedance, the amplifier’s load
then appears purely resistive.
11) Plug-in prototype boards and wire-wrap boards will not
be satisfactory. A clean layout using RF techniques is
essential; there are no shortcuts.
OFFSET VOLTAGE ADJUSTMENT
If additional offset adjustment is needed, the circuit in
Figure 1 can be used without degrading offset drift with
temperature. Avoid external adjustment whenever possible
since extraneous noise, such as power supply noise, can be
inadvertently coupled into the amplifier’s inverting input
terminal. Remember that additional offset errors can be
created by the amplifier’s input bias currents. Whenever
possible, match the impedance seen by both inputs as is
shown with R
3. This will reduce input bias current errors to
the amplifier’s offset current.
FIGURE 1. Offset Voltage Trim.
NOTE: (1) R
3 is optional and can be used to cancel offset errors due to input
bias currents.
INPUT PROTECTION
Static damage has been well recognized for MOSFET de-
vices, but any semiconductor device deserves protection
from this potentially damaging source. The OPA640 incor-
porates on-chip ESD protection diodes as shown in Figure 2.
R
2
OPA640
R
3 = R1 || R2
(1)
R
1
R
TRIM
47k
+V
CC
–V
CC
20k
V
IN or Ground
Output Trim Range
+V
CC
to –V
CC
R
Trim
R
2
R
2
R
Trim
10µF


Similar Part No. - OPA640U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA640U TI1-OPA640U Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA640U TI1-OPA640U Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA640U/2K5 TI1-OPA640U/2K5 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA640UB TI1-OPA640UB Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA640UB TI1-OPA640UB Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA640U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA3690 TI1-OPA3690_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com