Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA655 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA655
Description  Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA655 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA655 Datasheet HTML 4Page - Burr-Brown (TI) OPA655 Datasheet HTML 5Page - Burr-Brown (TI) OPA655 Datasheet HTML 6Page - Burr-Brown (TI) OPA655 Datasheet HTML 7Page - Burr-Brown (TI) OPA655 Datasheet HTML 8Page - Burr-Brown (TI) OPA655 Datasheet HTML 9Page - Burr-Brown (TI) OPA655 Datasheet HTML 10Page - Burr-Brown (TI) OPA655 Datasheet HTML 11Page - Burr-Brown (TI) OPA655 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
®
OPA655
8
DISCUSSION OF
PERFORMANCE
Amplifiers using FET input transistors operate in a similar
manner to those using bipolar transistors, with some impor-
tant advantages. In standard op amp applications, the very
low input bias currents reduce the DC error voltage due to
a high or possibly unknown source impedance. In most
OPA655 applications, the output DC error will be due only
to the low 1mV input offset voltage. Similarly, input noise
currents will contribute very little to the total output noise in
most applications. Wideband transimpedance applications
(e.g., photodiode amplifiers) will particularly benefit from
the low current noise combined with the OPA655’s very low
6nV/
√Hz input voltage noise.
The OPA655’s high gain bandwidth and very linear output
stage hold the harmonic distortion below –90dBc through
5MHz for a 2Vp-p swing into 100
Ω. Significantly less
distortion is observed at lower frequencies and/or higher
load impedance. The voltage feedback architecture supports
this level of accuracy with greater than 65dB power supply
and common mode rejection ratios. This very high dynamic
range, along with the low DC errors and noise of the FET
input stage, can provide an exceptional buffering capability
for ADC’s, PMT’s and other applications requiring high
impedance sensing of a high speed signal. For similar
distortion performance with a bipolar input stage, refer to the
OPA642.
OPERATING CONSIDERATIONS
Careful attention to PC board layout will deliver the excep-
tional performance shown in the Typical Performance Curves.
Generally, very low impedance paths to the power supplies,
along with low parasitic connections to the signal I/O pins
are required for best performance (See Layout and Intercon-
nect Considerations). Use of a guard ring around the non-
inverting input can reduce the leakage current due to com-
mon mode input signals. However, driving the guard from
the inverting node, can increase the differential input capaci-
tance, possibly leading to instability or increased broadband
noise. Non-inverting buffer applications require a very low
inductance short to be connected between the output and
inverting input to minimize peaking in the frequency re-
sponse. Use a wide trace (0.1") directly between the output
and inverting input pins on the component side of the board
for this connection.
The OPA655 is nominally designed to operate from
±5V
supplies. The maximum voltage between the supply pins
should be limited to less than 11V. Since a supply indepen-
dent bias is used, very little change in AC performance is
observed as the supply voltage is changed.
BASIC OP AMP CONNECTIONS
Figures 2 through 4 illustrate the basic op amp connections
suitable for the OPA655. The non-inverting buffer (voltage
follower) application (Figure 2) will benefit from the very
FIGURE 1. Simplified Internal Schematic.
Current
Mirror
Supply
Independent
Bias
Output
Stage
C
C
6
+In
3
2
–In
+V
S1
Output
–V
S2
+V
S2
–V
S1
4
78
5
5
5


Similar Part No. - OPA655

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA655 TI-OPA655 Datasheet
381Kb / 27P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
OPA655 TI-OPA655 Datasheet
390Kb / 20P
[Old version datasheet]   1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
OPA655 TI-OPA655 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA655 TI1-OPA655 Datasheet
614Kb / 32P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
[Old version datasheet]   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA655

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
[Old version datasheet]   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
[Old version datasheet]   WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
OPA656NB TI-OPA656NB Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656 NSC-OPA656 Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656 TI1-OPA656 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
OPA659 TI-OPA659 Datasheet
930Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA659 NSC-OPA659 Datasheet
1Mb / 32P
   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659 TI-OPA659_15 Datasheet
1Mb / 35P
[Old version datasheet]   OPA659 Wideband, Unity-Gain Stable, JFET-Input Operational Amplifier
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com