Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA651N Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA651N
Description  Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA651N Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button OPA651N Datasheet HTML 3Page - Burr-Brown (TI) OPA651N Datasheet HTML 4Page - Burr-Brown (TI) OPA651N Datasheet HTML 5Page - Burr-Brown (TI) OPA651N Datasheet HTML 6Page - Burr-Brown (TI) OPA651N Datasheet HTML 7Page - Burr-Brown (TI) OPA651N Datasheet HTML 8Page - Burr-Brown (TI) OPA651N Datasheet HTML 9Page - Burr-Brown (TI) OPA651N Datasheet HTML 10Page - Burr-Brown (TI) OPA651N Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
OPA651
®
Operating junction temperature (TJ) is given by TA +
P
DθJA. The total internal power dissipation (PD) is a com-
bination of the total quiescent power (PDQ) and the power
dissipated in of the output stage (P
DL) to deliver load
power. Quiescent power is simply the specified no-load
supply current times the total supply voltage across the
part. PDL will depend on the required output signal and load
but would, for a grounded resistive load, be at a maximum
when the output is a fixed DC voltage equal to 1/2 of either
supply voltage (assuming equal bipolar supplies). Under
this condition, PDL = VS2/(4•RL) where RL includes feed-
back network loading. Note that it is the power dissipated
in the output stage and not in the load that determines
internal power dissipation. As an example, compute the
maximum TJ for an OPA651N at AV = +2, RL = 100Ω, RFB
= 402
Ω, ±V
S = ±5V, with the output at |VS/2|, and the
specified maximum TA = +85°C. PD = 10V•8.75mA + (52)/
(4•(100
Ω||804Ω)) = 158mW. Maximum T
J = +85°C +
0.158W•150
°C/W = 109°C.
DRIVING CAPACITIVE LOADS
The OPA651’s output stage has been optimized to drive low
resistive loads. Capacitive loads, however, will decrease the
amplifier’s phase margin which may cause high frequency
peaking or oscillations. Capacitive loads greater than 10pF
should be isolated by connecting a small resistance, usually
15
Ω to 30Ω, in series with the output as shown in Figure 4.
This is particularly important when driving high capacitance
loads such as flash A/D converters. Increasing the gain from
+2 will improve the capacitive load drive due to increased
phase margin.
In general, capacitive loads should be minimized for opti-
mum high frequency performance. Coax lines can be driven
if the cable is properly terminated. The capacitance of coax
cable (29pF/foot for RG-58) will not load the amplifier
when the coaxial cable or transmission line is terminated in
its characteristic impedance.
that, from a stability standpoint, an inverting gain of –1V/V
is equivalent to a noise gain of 2.) Frequency response for
other gains are shown in the Typical Performance Curves.
The high frequency response of the OPA651 in a good
layout is very flat with frequency. However, some circuit
configurations such as those where large feedback resis-
tances are used, can produce high-frequency gain peaking.
This peaking can be minimized by connecting a small
capacitor in parallel with the feedback resistor. This capaci-
tor compensates for the closed-loop, high-frequency, trans-
fer function zero that results from the time constant formed
by the input capacitance of the amplifier (typically 2pF after
PC board mounting), and the input and feedback resistors.
The selected compensation capacitor may be a trimmer, a
fixed capacitor, or a planned PC board capacitance. The
capacitance value is strongly dependent on circuit layout and
closed-loop gain. Using small resistor values will preserve
the phase margin and avoid peaking by keeping the break
frequency of this zero sufficiently high. When high closed-
loop gains are required, a three-resistor attenuator (tee-
network) is recommended to avoid using large value resis-
tors with large time constants. The OPA651 includes an
internal 1.5pF feedback capacitor to achieve best gain of +2
flatness (RF = 402Ω).
PULSE SETTLING TIME
High speed amplifiers like the OPA651 are capable of
extremely fast settling time with a pulse input. Excellent
frequency response flatness and phase linearity are required
to get the best settling times. As shown in the specifications
table, settling time for a
±1V step at a gain of +2 for the
OPA651 is extremely fast. The specification is defined as
the time required, after the input transition, for the output to
settle within a specified error band around its final value. For
a 2V step, 1% settling corresponds to an error band of
±20mV, 0.1% to an error band of ±2mV, and 0.01% to an
error band of
±0.2mV. For the best settling times, particu-
larly into an ADC capacitive load, little or no peaking in the
frequency response can be allowed. Using the recommended
RISO for capacitive loads will limit this peaking and reduce
the settling times. Fast, extremely fine scale settling (0.01%)
requires close attention to ground return currents in the
supply decoupling capacitors. For highest performance, con-
sider the OPA642 which isolates the output stage decoupling
from the rest of the amplifier.
DIFFERENTIAL GAIN AND PHASE
Differential Gain (DG) and Differential Phase (DP) are
among the more important specifications for video applica-
tions. The percentage change in closed-loop gain over a
specified change in output voltage level is defined as DG.
DP is defined as the change in degrees of the closed-loop
phase over the same output voltage change. DG and DP are
both specified at the NTSC sub-carrier frequency of 3.58MHz.
All measurements were performed using an HP 9480.
FIGURE 4. Driving Capacitive Loads.
OPA651
C
L
R
L
R
ISO
(R
ISO typically 15Ω to 30Ω)
402
402
FREQUENCY RESPONSE COMPENSATION
The OPA651 is internally compensated and is stable at a
gain of 2 with a phase margin of approximately 60
°. (Note


Similar Part No. - OPA651N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
OPA6515PPS KODENSHI-OPA6515PPS Datasheet
526Kb / 1P
   Red Pin-Point LED Chip
More results

Similar Description - OPA651N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA650 BURR-BROWN-OPA650 Datasheet
183Kb / 12P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA4650 BURR-BROWN-OPA4650 Datasheet
235Kb / 13P
   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4650 TI1-OPA4650 Datasheet
185Kb / 14P
[Old version datasheet]   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com