Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA658 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA658
Description  Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA658 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA658 Datasheet HTML 1Page - Burr-Brown (TI) OPA658 Datasheet HTML 2Page - Burr-Brown (TI) OPA658 Datasheet HTML 3Page - Burr-Brown (TI) OPA658 Datasheet HTML 4Page - Burr-Brown (TI) OPA658 Datasheet HTML 5Page - Burr-Brown (TI) OPA658 Datasheet HTML 6Page - Burr-Brown (TI) OPA658 Datasheet HTML 7Page - Burr-Brown (TI) OPA658 Datasheet HTML 8Page - Burr-Brown (TI) OPA658 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
®
OPA658
At TA = +25°C, VS = ±5V, RL = 100Ω, and RFB = 402Ω, unless otherwise noted.
TYPICAL PERFORMANCE CURVES (CONT)
106
105
104
103
102
101
1
0
–45
–90
–135
–180
–225
1k
10k
100k
1M
10M
100M
1G
OPEN-LOOP TRANSIMPEDANCE AND PHASE
vs FREQUENCY
Frequency (Hz)
Phase
Transimpedance
INVERTING INPUT BIAS CURRENT
vs TEMPERATURE
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
OPEN-LOOP GAIN AND PHASE vs FREQUENCY
Frequency (Hz)
60
40
20
0
–20
–40
–60
0
–45
–90
–135
–180
–225
1k
10k
100k
1M
10M
100M
1G
Gain
Phase
6
3
0
–3
–6
–9
1M
10M
100M
1G
CLOSED-LOOP BANDWIDTH
Frequency (Hz)
SO-8 Bandwidth = 881MHz, R
FB = 402Ω
G = +1
DIP Bandwidth = 949MHz, R
FB = 560Ω
9
6
3
0
–3
–6
1M
10M
100M
1G
CLOSED-LOOP BANDWIDTH
Frequency (Hz)
DIP Bandwidth = 682MHz
SO-8 Bandwidth = 680MHz
G = +2
20
17
14
11
8
5
2
1M
10M
100M
1G
CLOSED-LOOP BANDWIDTH
Frequency (Hz)
SO-8/DIP Bandwidth= 372MHz
G = +5


Similar Part No. - OPA658

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA658N/250 TI1-OPA658N/250 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA658N/3K TI1-OPA658N/3K Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA658NB/250 TI1-OPA658NB/250 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA658NB/3K TI1-OPA658NB/3K Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
More results

Similar Description - OPA658

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA681 TI1-OPA681 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com