Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA658N Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA658N
Description  Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA658N Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA658N Datasheet HTML 2Page - Burr-Brown (TI) OPA658N Datasheet HTML 3Page - Burr-Brown (TI) OPA658N Datasheet HTML 4Page - Burr-Brown (TI) OPA658N Datasheet HTML 5Page - Burr-Brown (TI) OPA658N Datasheet HTML 6Page - Burr-Brown (TI) OPA658N Datasheet HTML 7Page - Burr-Brown (TI) OPA658N Datasheet HTML 8Page - Burr-Brown (TI) OPA658N Datasheet HTML 9Page - Burr-Brown (TI) OPA658N Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
®
OPA658
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±5V, RL = 100Ω, and RFB = 402Ω, unless otherwise noted.
160
120
80
40
0
–40
–80
–120
–160
Time (5ns/div)
SMALL SIGNAL TRANSIENT RESPONSE
G = +2
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
LARGE SIGNAL TRANSIENT RESPONSE
Time (5ns/div)
G = +2
–50
–60
–70
–80
–90
–100
100k
1M
10M
100M
HARMONIC DISTORTION vs FREQUENCY
Frequency (Hz)
2f
O
3f
O
5MHz HARMONIC DISTORTION vs OUTPUT SWING
Output Swing (Vp-p)
–60
–65
–70
–75
–80
–85
–90
–95
–100
01
23
4
2f
O
3f
O
G = +2
26
23
20
17
14
11
8
1M
10M
100M
1G
CLOSED-LOOP BANDWIDTH
Frequency (Hz)
SO-8/DIP Bandwidth = 200MHz
G = +10
40
35
30
25
20
15
10
10
100
90
80
70
60
50
40
30
20
RECOMMENDED ISOLATION RESISTANCE
vs CAPACITIVE LOAD
Capacitive Load (pf)
G = +2
OPA658
C
L
1k
R
ISO
402
402


Similar Part No. - OPA658N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA658N/250 TI1-OPA658N/250 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA658N/3K TI1-OPA658N/3K Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA658NB/250 TI1-OPA658NB/250 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA658NB/3K TI1-OPA658NB/3K Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
More results

Similar Description - OPA658N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA681 TI1-OPA681 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com