Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP-3611 Datasheet(PDF) 4 Page - Level One

Part # SFP-3611
Description  1550nm DFBLD Single 3.3V Power Supply RoHS Compliant and Lead-free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

SFP-3611 Datasheet(HTML) 4 Page - Level One

  SFP-3611 Datasheet HTML 1Page - Level One SFP-3611 Datasheet HTML 2Page - Level One SFP-3611 Datasheet HTML 3Page - Level One SFP-3611 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
All mentioned brand names are registered trademarks and property of their owners.
Copyright © Digital Data Communications GmbH, Germany. All Rights Reserved.
www.level1.com
Page 4 of 4


Similar Part No. - SFP-3611

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-3611 LVL1-SFP-3611 Datasheet
1Mb / 4P
   L2 Managed Switch - 10 GE with 2 Combo SFP
SFP-3611 LVL1-SFP-3611 Datasheet
313Kb / 3P
   4 GE plus 1 GE SFP Switch
SFP-3611 LVL1-SFP-3611 Datasheet
1Mb / 4P
   20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
More results

Similar Description - SFP-3611

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-1101 LVL1-SFP-1101 Datasheet
463Kb / 4P
   1310nm LED Single 3.3V Power Supply RoHS Compliant and Lead-free
SFP-3001 LVL1-SFP-3001 Datasheet
933Kb / 4P
   850nm VCSEL Single 3.3V Power Supply RoHS Compliant and Lead-free
SFP-1411 LVL1-SFP-1411 Datasheet
325Kb / 4P
   1310nm FP LD Single 3.3V Power Supply RoHS Compliant and Lead-free
SFP-3111 LVL1-SFP-3111 Datasheet
319Kb / 4P
   1310nm FP LD Single 3.3V Power Supply RoHS Compliant and Lead-free
SFP-1311 LVL1-SFP-1311 Datasheet
329Kb / 4P
   1310nm FP LD Single 3.3V Power Supply RoHS Compliant and Lead-free
logo
M/A-COM Technology Solu...
MAPD-011020 MA-COM-MAPD-011020 Datasheet
422Kb / 4P
   RoHS compliant and lead free
logo
Maxim Integrated Produc...
MAX9938EVKIT MAXIM-MAX9938EVKIT Datasheet
77Kb / 4P
   Lead-Free and RoHS Compliant
Rev 0; 8/08
logo
WALSIN TECHNOLOGY CORPO...
SFXXF_Q WALSIN-SFXXF_Q Datasheet
1Mb / 10P
   RoHS compliant and lead free
logo
Guangdong Youtai Semico...
SMXX-02HTG UMW-SMXX-02HTG Datasheet
742Kb / 6P
   RoHS compliant and lead-free
logo
M/A-COM Technology Solu...
MACP-011029 MA-COM-MACP-011029 Datasheet
831Kb / 6P
   RoHS compliant and lead free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com